Moteur de recherche de fiches techniques de composants électroniques |
|
TCFGA1E155M8R Fiches technique(PDF) 1 Page - Rohm |
|
TCFGA1E155M8R Fiches technique(HTML) 1 Page - Rohm |
1 / 8 page 1/7 www.rohm.com ○ c 2012 ROHM Co., Ltd. All rights reserved. 2012.03 - Rev.H Chip tantalum capacitors (Fail-safe open structure type) TCFG Series A Case Features Dimensions (Unit : mm) 1) Safety design by open function built - in. 2) Wide capacitance range 3) Screening by thermal shock. Part No. Explanation T C A0 J M 8 R Rated voltage Capacitance tolerance Nominal capacitance in pF in 3 digits : 2significant figure representing the number of 0's. 8 : Reel width (8mm) R : Positive electrode on the side opposite to sprocket hole F G 1 0 6 1 6 1 2 4 5 3 1 1 Series name TCFG 2 Case code A 3 4 Capacitance 5 Taping 6 M : ±20% 4 CODE 6.3 0J 10 1A 16 1C 20 25 1D 1E Rated voltage (V) 0G S S + − W H LW Anode mark 2 1 Dimensions (Unit : mm) Size L H S W2 W1 L H S W2 W1 3.2 0.2 +− 1.6 0.2 +− 1.2 0.2 +− 0.8 0.3 +− 1.6 0.2 +− |
Numéro de pièce similaire - TCFGA1E155M8R |
|
Description similaire - TCFGA1E155M8R |