Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCFGA1D155M8R Fiches technique(PDF) 3 Page - Rohm

No de pièce TCFGA1D155M8R
Description  Chip tantalum capacitors (Fail-safe open structure type)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

TCFGA1D155M8R Fiches technique(HTML) 3 Page - Rohm

  TCFGA1D155M8R Datasheet HTML 1Page - Rohm TCFGA1D155M8R Datasheet HTML 2Page - Rohm TCFGA1D155M8R Datasheet HTML 3Page - Rohm TCFGA1D155M8R Datasheet HTML 4Page - Rohm TCFGA1D155M8R Datasheet HTML 5Page - Rohm TCFGA1D155M8R Datasheet HTML 6Page - Rohm TCFGA1D155M8R Datasheet HTML 7Page - Rohm TCFGA1D155M8R Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/7
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.03 - Rev.H
Data Sheet
TCFG Series A Case
Item
Performance
Test conditions
(based on JIS C5101-1 and JIS C5101-3)
Operating Temperature
Maximum operating temperature
with no voltage derating
Rated Voltage (V.DC)
16
10
6.3
4
Category Voltage (V.DC)
10
6.3
4
2.5
Surge Voltage
20
20
13
26
25
16
32
13
8
5.0
DC leakage current
0.5
μA or 0.01CV whichever is greater
(Shown in "Standard list")
As per 4.9 JIS C 5101-1
As per 4.5.1 JIS C 5101-3
As per 4.7 JIS C 5101-1
As per 4.5.2 JIS C 5101-3
As per 4.8 JIS C 5101-1
As per 4.5.3 JIS C 5101-3
As per 4.10 JIS C 5101-1
As per 4.5.4 JIS C 5101-3
As per 4.14 JIS C 5101-1
As per 4.6 JIS C 5101-3
As per 4.16 JIS C 5101-1
As per 4.10 JIS C 5101-3
As per 4.12 JIS C 5101-1
As per 4.12 JIS C 5101-3
Voltage : Rated voltage for 1min
Capacitance tolerance
Shall be satisfied allowance range.
±20%
Measuring frequency
Measuring voltage
Measuring circuit
Tangent of loss angle
(Df, tan
δ)
Impedance
Shall be satisfied the voltage on "Standard list"
Dip in the solder bath
Solder temp
Duration
Repetition
After the specimens, leave it at room temperature for
over 24h and then measure the sample.
Resistance to
soldering heat
There should be no significant abnormality.
The indications should be clear.
Appearance
Less than initial limit
L.C
Shall be satisfied the voltage on "Standard list"
at 125
°C
at 85
°C
at 85
°C
+85 °C
: 120
±12Hz
: 0.5Vrms, +1.5V.DC
: DC Equivalent series circuit
Measuring frequency
Measuring voltage
Measuring circuit
: 120
±12Hz
: 0.5Vrms, +1.5V.DC
: DC Equivalent series circuit
: 100
±10kHz
: 0.5Vrms or less
Measuring frequency
Measuring voltage
: 260
±5°C
: 5
±0.5s
: 1
−55 °C to +125 °C
Voltage reduction when temperature exceeds +85
°C
Fail-Safe open unit actuation Within 320
°C
− 20s
Repetition : 5 cycles (1 cycle : steps 1 to 4)
without discontinuation.
Temperature
cycle
There should be no significant abnormality.
The indications should be clear.
Appearance
Less than initial limit
L.C
Within
±5% of initial value
ΔC / C
tan
δ
ΔC / C
tan
δ
Less than initial limit
Less than initial limit
Moisture
resistance
Appearance
Less than initial limit
L.C
There should be no significant abnormality.
The indications should be clear.
Temp.
Time
1
Step
2
3
4
Room temp.
Room temp.
3min. or less
3min. or less
30 3min
+−
30 3min
+−
−55 3°C
+−
125 2
°C
+−
ΔC / C
Within
±10% of initial value
Less than initial limit
tan
δ
After leaving the sample under such atmospheric
condition that the temperature and humidity are
60
±2
°C and 90 to 95%RH, respectively, for
500
±12h level it at room temperature for over
24h and then measure the sample.
Dip in the solder bath
Solder temp : 320
±5
°C
Others
: Within
±10% of initial value
TCFGA1A226M8R : Within
±15% of initial value
TCFGA0J476M8R : Within
±15% of initial value
TCFGA0G686M8R: Within
±15% of initial value
After the specimens, leave it at room temperature for
over 24h and then measure the sample.


Numéro de pièce similaire - TCFGA1D155M8R

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
TCFGA1D155M8R ROHM-TCFGA1D155M8R Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFGA1D155M8R ROHM-TCFGA1D155M8R Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Description similaire - TCFGA1D155M8R

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_10 Datasheet
154Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_P ROHM-TCFG_P_12 Datasheet
161Kb / 7P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com