Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTS432E2 Fiches technique(PDF) 1 Page - Siemens Semiconductor Group

No de pièce BTS432E2
Description  Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS432E2 Fiches technique(HTML) 1 Page - Siemens Semiconductor Group

  BTS432E2 Datasheet HTML 1Page - Siemens Semiconductor Group BTS432E2 Datasheet HTML 2Page - Siemens Semiconductor Group BTS432E2 Datasheet HTML 3Page - Siemens Semiconductor Group BTS432E2 Datasheet HTML 4Page - Siemens Semiconductor Group BTS432E2 Datasheet HTML 5Page - Siemens Semiconductor Group BTS432E2 Datasheet HTML 6Page - Siemens Semiconductor Group BTS432E2 Datasheet HTML 7Page - Siemens Semiconductor Group BTS432E2 Datasheet HTML 8Page - Siemens Semiconductor Group BTS432E2 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PROFET® BTS 432 E2
Semiconductor Group
1
04.96
Smart Highside Power Switch
Features
• Load dump and reverse battery protection1)
• Clamp of negative voltage at output
• Short-circuit protection
• Current limitation
• Thermal shutdown
• Diagnostic feedback
• Open load detection in ON-state
• CMOS compatible input
• Electrostatic discharge (ESD) protection
• Loss of ground and loss of V
bb protection
2)
• Overvoltage protection
• Undervoltage and overvoltage shutdown with auto-restart and hysteresis
Application
• µC compatible power switch with diagnostic feedback
for 12 V and 24 V DC grounded loads
• All types of resistive, inductive and capacitve loads
• Replaces electromechanical relays and discrete circuits
General Description
N channel vertical power FET with charge pump, ground referenced CMOS compatible input and diagnostic
feedback, integrated in Smart SIPMOS® chip on chip technology. Fully protected by embedded protection
functions.
+ Vbb
IN
ST
Signal GND
ESD
PROFET
®
OUT
GND
Logic
Voltage
sensor
Voltage
source
Open load
detection
Short circuit
detection
Charge pump
Level shifter
Temperature
sensor
Rectifier
Limit for
unclamped
ind. loads
Gate
protection
Current
limit
2
4
1
3
5
Load GND
Load
V
Logic
Overvoltage
protection
R
bb
1)
No external components required, reverse load current limited by connected load.
2)
Additional external diode required for charged inductive loads
Product Summary
VLoad dump
80
V
Vbb-VOUT Avalanche Clamp
58
V
Vbb (operation)
4.5 ... 42
V
Vbb (reverse)
-32
V
RON
38
m
IL(SCp)
44
A
IL(SCr)
35
A
IL(ISO)
11
A
5


Numéro de pièce similaire - BTS432E2

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BTS432E2 INFINEON-BTS432E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS432E2 INFINEON-BTS432E2 Datasheet
222Kb / 14P
   Smart Highside Power Switch
2010-Jan-26
BTS432E2E3043 INFINEON-BTS432E2E3043 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS432E2E3062A INFINEON-BTS432E2E3062A Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS432E2 INFINEON-BTS432E2_10 Datasheet
222Kb / 14P
   Smart Highside Power Switch
2010-Jan-26
More results

Description similaire - BTS432E2

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BTS432D2 SIEMENS-BTS432D2 Datasheet
143Kb / 13P
   Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown)
BTS432I2 SIEMENS-BTS432I2 Datasheet
122Kb / 14P
   Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown)
BTS430K2 SIEMENS-BTS430K2 Datasheet
116Kb / 13P
   Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation)
BTS432F2 SIEMENS-BTS432F2 Datasheet
142Kb / 13P
   Smart Highside Power Switch (Clamp of negative voltage at output Short-circuit protection Current limitation)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410D2 SIEMENS-BTS410D2 Datasheet
170Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS442D2 SIEMENS-BTS442D2 Datasheet
159Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS542D2 SIEMENS-BTS542D2 Datasheet
279Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
BTS410E2 SIEMENS-BTS410E2 Datasheet
168Kb / 14P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com