Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS715A01DRVR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS715A01DRVR
Description  HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA LDO LINEAR REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS715A01DRVR Fiches technique(HTML) 3 Page - Texas Instruments

  TPS715A01DRVR Datasheet HTML 1Page - Texas Instruments TPS715A01DRVR Datasheet HTML 2Page - Texas Instruments TPS715A01DRVR Datasheet HTML 3Page - Texas Instruments TPS715A01DRVR Datasheet HTML 4Page - Texas Instruments TPS715A01DRVR Datasheet HTML 5Page - Texas Instruments TPS715A01DRVR Datasheet HTML 6Page - Texas Instruments TPS715A01DRVR Datasheet HTML 7Page - Texas Instruments TPS715A01DRVR Datasheet HTML 8Page - Texas Instruments TPS715A01DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TPS715Axx
www.ti.com
SBVS047E
– MAY 2004 – REVISED JUNE 2011
ELECTRICAL CHARACTERISTICS
Over operating junction temperature range (TJ = –40°C to +125°C), VIN = VOUT(NOM) + 1V, IOUT = 1mA, COUT = 1μF, unless
otherwise noted. The TPS715A01 is tested with VOUT = 2.8V. Typical values are at TJ = +25°C.
TPS715Axx
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT = 10mA
2.5
24
Input voltage(1)
VIN
V
IOUT = 80mA
3
24
Voltage range
V
VOUT
1.2
15
(TPS715A01)
VOUT + 1.0V ≤ VIN ≤ 24V,
0.96
×
1.04
×
TPS715A01
VOUT(nom)
1.2V
≤ VOUT ≤ 15V, 0 ≤ IOUT ≤ 80mA
VOUT(nom)
VOUT(nom)
Output voltage accuracy(1)
V
TPS715A33
4.3V
< VIN < 24V, 0 ≤ IOUT ≤ 80mA
3.135
3.3
3.465
Output voltage
ΔVOUT/ΔVIN
VOUT + 1V < VIN ≤ 24V
20
60
mV
line regulation(1)
Load regulation
ΔVOUT/ΔIOUT
IOUT = 100μA to 80mA
35
mV
Dropout voltage
VDO
IOUT = 80mA
670
1120
mV
VIN = VOUT(NOM) – 0.1V
Output current limit
ICL
VOUT = 0V
160
1100
mA
TJ = –40°C to +85°C, 0mA ≤ IOUT ≤ 80mA
3.2
4.2
Ground pin current
IGND
0mA
≤ IOUT ≤ 80mA
3.2
4.8
μA
VIN = 24V, 0mA ≤ IOUT ≤ 80mA
5.8
Power-supply ripple
PSRR
f = 100kHz, COUT = 10μF
60
dB
rejection
BW = 200Hz to 100kHz,
Output noise voltage
VIN
575
μVrms
COUT = 10μF, IOUT = 50mA
(1)
Minimum VIN = VOUT + VDO, or the value shown for Input voltage, whichever is greater.
Copyright
© 2004–2011, Texas Instruments Incorporated
3


Numéro de pièce similaire - TPS715A01DRVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS715A01DRVR TI-TPS715A01DRVR Datasheet
920Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
TPS715A01DRVR TI1-TPS715A01DRVR Datasheet
1Mb / 26P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A01DRVR TI1-TPS715A01DRVR Datasheet
6Mb / 39P
[Old version datasheet]   TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
TPS715A01DRVRM3 TI1-TPS715A01DRVRM3 Datasheet
6Mb / 39P
[Old version datasheet]   TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
More results

Description similaire - TPS715A01DRVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS715A33DRVR TI-TPS715A33DRVR Datasheet
920Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
TPS715A01 TI-TPS715A01 Datasheet
285Kb / 11P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED 80-mA LDO LINEAR REGULATORS
logo
ON Semiconductor
NCV8505 ONSEMI-NCV8505_09 Datasheet
173Kb / 12P
   Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCV8504 ONSEMI-NCV8504_10 Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com