Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI52147-A01AGM Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce SI52147-A01AGM
Description  PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT CLOCK GENERATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI52147-A01AGM Fiches technique(HTML) 1 Page - Silicon Laboratories

  SI52147-A01AGM Datasheet HTML 1Page - Silicon Laboratories SI52147-A01AGM Datasheet HTML 2Page - Silicon Laboratories SI52147-A01AGM Datasheet HTML 3Page - Silicon Laboratories SI52147-A01AGM Datasheet HTML 4Page - Silicon Laboratories SI52147-A01AGM Datasheet HTML 5Page - Silicon Laboratories SI52147-A01AGM Datasheet HTML 6Page - Silicon Laboratories SI52147-A01AGM Datasheet HTML 7Page - Silicon Laboratories SI52147-A01AGM Datasheet HTML 8Page - Silicon Laboratories SI52147-A01AGM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Preliminary Rev. 0.1 12/11
Copyright © 2011 by Silicon Laboratories
Si52147
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si52147
PCI-E XPRESS G EN 1, G EN 2, & G EN 3 N INE O UTPUT
C LOCK G ENERATOR
Features
Applications
Description
The Si52147 is a spread-controlled PCIe clock generator that can source
nine PCIe clocks simultaneously. The device has six hardware output
enable control inputs for enabling the respective differential outputs on the
fly while powered on along with the hardware spread control for EMI
reduction.
Functional Block Diagram
PCI-Express Gen 1, Gen 2, &
Gen 3 compliant
Low power push-pull type
differential output buffers
Integrated resistors on differential
clocks
Output enable pin for all clocks
Hardware selectable spread
control
Nine PCI-Express clocks
25 MHz crystal input or clock
input
I2C support with readback
capabilities
Triangular spread spectrum
profile for maximum
electromagnetic interference
(EMI) reduction
Industrial temperature:
–40 to 85 oC
3.3 V power supply
48-pin QFN package
Network attached storage
Multi-function printer
Wireless access point
Routers
Control
RAM
Control & Memory
XIN/CLKIN
XOUT
SCLK
SDATA
OE [8:0]
CKPWRGD/PDB
SSON
PLL1
(SSC)
Divider
DIFF0
DIFF1
DIFF2
DIFF3
DIFF4
DIFF5
DIFF6
DIFF7
DIFF8
Patents pending
Ordering Information:
See page 20.
Pin Assignments
VDD
VDD
OE0
1
OE1
1
VSS_PLL3
VSS_PLL4
OE2
1
SSON
2
1
2
3
4
5
6
7
8
48
47
46
45
44
43
42
41
OE3
1
OE[4:5]
1
OE[6:8]
1
VDD
9
10
11
12
40
39
38
37
13
14
15
16
17
18
19
20
21
22
23
24
36
35
34
33
32
31
30
29
28
27
26
25
DIFF8
DIFF8
VDD
DIFF7
DIFF6
DIFF6
VDD
DIFF7
DIFF5
DIFF5
DIFF4
DIFF4
Notes:
1. Internal 100 kohm pull-up.
2. Internal 100 kohm pull-down.
49
GND


Numéro de pièce similaire - SI52147-A01AGM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
Si52147-A01AGM SILABS-Si52147-A01AGM Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI52147-A01AGM SKYWORKS-SI52147-A01AGM Datasheet
1Mb / 25P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
Si52147-A01AGMR SILABS-Si52147-A01AGMR Datasheet
93Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
logo
Skyworks Solutions Inc.
SI52147-A01AGMR SKYWORKS-SI52147-A01AGMR Datasheet
1Mb / 25P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
More results

Description similaire - SI52147-A01AGM

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI52147 SKYWORKS-SI52147 Datasheet
1Mb / 25P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE-OUTPUT CLOCK GENERATOR
Rev. 1.4
SI52144 SKYWORKS-SI52144 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 QUAD OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI52146 SILABS-SI52146 Datasheet
184Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 SIX OUTPUT CLOCK GENERATOR
SI52144 SILABS-SI52144 Datasheet
181Kb / 20P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 CLOCK QUAD OUTPUT GENERATOR
logo
Skyworks Solutions Inc.
SI52146 SKYWORKS-SI52146 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, & GEN 4 SIX OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI53159-A01AGM SILABS-SI53159-A01AGM Datasheet
147Kb / 22P
   PCI-EXPRESS GEN 1, GEN 2, & GEN 3 NINE OUTPUT FANOUT BUFFER
SL28SRC02 SILABS-SL28SRC02 Datasheet
264Kb / 14P
   PCI Express Gen 2 & Gen 3 Clock Generator
SL28SRC04 SILABS-SL28SRC04 Datasheet
240Kb / 13P
   PCI Express Gen 2 & Gen 3 Clock Generator
logo
Skyworks Solutions Inc.
SL28SRC01 SKYWORKS-SL28SRC01 Datasheet
1Mb / 11P
   PCI Express Gen 2 & Gen 3 Clock Generator
Rev. 0.2
logo
Silicon Laboratories
SI53159 SILABS-SI53159 Datasheet
1Mb / 23P
   PCI-EXPRESS GEN 1, GEN 2, GEN 3, AND GEN 4 NINE OUTPUT FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com