Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74279224151 Fiches technique(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 74279224151
Description  WE-MPSB EMI Multilayer Power Suppression Bead
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74279224151 Fiches technique(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74279224151 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279224151 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279224151 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279224151 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279224151 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74279224151 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.0
REV
2011-10-01
DATE
SSt
BY
SMu
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-MPSB EMI Multilayer Power
Suppression Bead
Order.- No.
74279224151
SIZE
A4
Size: 2220
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-180 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
20-30 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, avia-
tion, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH & Co. KG must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be
performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Numéro de pièce similaire - 74279224151

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
74279224101 WURTH-74279224101 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224171 WURTH-74279224171 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224181 WURTH-74279224181 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
More results

Description similaire - 74279224151

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
74279224251 WURTH-74279224251 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279225101 WURTH-74279225101 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279223560 WURTH-74279223560 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224101 WURTH-74279224101 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279220321 WURTH-74279220321 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279228600 WURTH-74279228600 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279220800 WURTH-74279220800 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279228111 WURTH-74279228111 Datasheet
357Kb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224171 WURTH-74279224171 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224181 WURTH-74279224181 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
74279224271 WURTH-74279224271 Datasheet
1Mb / 6P
   WE-MPSB EMI Multilayer Power Suppression Bead
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com