Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA7792 Fiches technique(PDF) 5 Page - Tiger Electronic Co.,Ltd

No de pièce TA7792
Description  AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TGS [Tiger Electronic Co.,Ltd]
Site Internet  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TA7792 Fiches technique(HTML) 5 Page - Tiger Electronic Co.,Ltd

  TA7792 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TA7792 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TA7792 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TA7792 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TA7792 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd TA7792 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd TA7792 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd TA7792 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd TA7792 Datasheet HTML 9Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Silicore
D7792
SHAOXING SILICORE TECHNOLOGY CO.,LTD
www. Silicore. com. cn
CHMC
5/9
COIL DATA ( TEST CIRCUIT )
TURN
COIL STAGE
TEST
FREQUENCY
L
µH )
Co
(pF)
Qo
1-2
2 -3
1 - 3
4 - 6
WIRE
(mmΦ )
L1 FM RF
100MHz
0.053
-
100
-
-
1.75
-
0.5UEW
L2 FM OSC
100MHz
0.065
-
100
-
-
2.25
-
0.5UEW
T1 AM OSC
796kHz
288
-
11 5
1 3
7 3
-
-
0.08UEW
T2 AM IFT
455kHz
-
180
120
-
-
180
15
0.06UEW
T3 FM DET
10.7MHz
-
82
11 0
-
-
13
-
0.12UEW
APPLICAT ION NOTE
<FM SECTION>
RF amplifier (see Fig.1)
This st age is co mposed o f th e e mi tte r- g r ou nded
and cascade connection amplifier.
The input i mpedance of pin 16 is about 260
Ω,
which is determined by D1.
Mixer amplifier (see Fig.2)
The a mp lified RF sig n al is t r an sfo r me d in to
IF signal by the mi xe r ci rc uit which is
composed of a diff erential amplifier.
The a mp lified IF sig n al is app eared thro ugh
the e mitte r follo we r ci rcuit at pin 14. The
output impedance of the ceramic filter.
TA7792


Numéro de pièce similaire - TA7792

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA7792F TOSHIBA-TA7792F Datasheet
388Kb / 9P
   AM/FM 1CHIP TUNER SYSTEM IC
TA7792P TOSHIBA-TA7792P Datasheet
388Kb / 9P
   AM/FM 1CHIP TUNER SYSTEM IC
More results

Description similaire - TA7792

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TS7792P TOSHIBA-TS7792P Datasheet
388Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
TA7765AF TOSHIBA-TA7765AF Datasheet
355Kb / 9P
   AM/FM IF SYSTEM (1.5V USE)
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
logo
Unisonic Technologies
TA8127 UTC-TA8127 Datasheet
144Kb / 8P
   3V AM / FM 1 CHIP TUNER IC
logo
Toshiba Semiconductor
TA2111N TOSHIBA-TA2111N Datasheet
598Kb / 18P
   3V AM/FM 1 CHIP TUNER IC
TA7792P TOSHIBA-TA7792P Datasheet
388Kb / 9P
   AM/FM 1CHIP TUNER SYSTEM IC
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
   3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2008ANG TOSHIBA-TA2008ANG Datasheet
638Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
TA2008AN TOSHIBA-TA2008AN Datasheet
422Kb / 12P
   5V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2008AN TOSHIBA-TA2008AN_02 Datasheet
741Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com