Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54362A Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPS54362A
Description  3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54362A Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS54362A Datasheet HTML 5Page - Texas Instruments TPS54362A Datasheet HTML 6Page - Texas Instruments TPS54362A Datasheet HTML 7Page - Texas Instruments TPS54362A Datasheet HTML 8Page - Texas Instruments TPS54362A Datasheet HTML 9Page - Texas Instruments TPS54362A Datasheet HTML 10Page - Texas Instruments TPS54362A Datasheet HTML 11Page - Texas Instruments TPS54362A Datasheet HTML 12Page - Texas Instruments TPS54362A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
V
=5VatFree Air
Reg
0
1
2
3
4
5
6
7
8
0
0.05
0.1
0.15
0.2
I -LoadCurrent- A
L
Start(powerup)
Tracking(power down)
67
68
69
70
71
72
73
74
75
76
77
-40
-20
0
20
40
60
80
100 120
140
T -Free-AirTemperature-°C
A
V =24V
I
59
60
61
62
63
64
65
66
67
68
-40
-20
0
20
40
60
80
100 120 140
T -Free-AirTemperature-°C
A
V =12V
I
TPS54362-Q1, TPS54362A-Q1
www.ti.com
SLVS845D
– MARCH 2009 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS (continued)
OUTPUT VOLTAGE TRACKING
Figure 5.
NOTE
Tracking: The input voltage at which the output voltage drops approximately -0.7 V of the
regulated voltage or for low input voltages (tracking function) over the load range.
Start: The input voltage required to achieve the 5V regulation on power up with the stated
load currents.
LPM, QUIESCENT CURRENT VARIATION
LPM, QUIESCENT CURRENT VARIATION
WITH TEMPERATURE
WITH TEMPERATURE
Figure 6.
Figure 7.
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS54362-Q1 TPS54362A-Q1


Numéro de pièce similaire - TPS54362A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54362AQPWPRQ1 TI1-TPS54362AQPWPRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
More results

Description similaire - TPS54362A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54061 TI1-TPS54061 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
logo
Diodes Incorporated
PAM2320 DIODES-PAM2320 Datasheet
369Kb / 12P
   3A LOW NOISE STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2307 PAM-PAM2307 Datasheet
454Kb / 13P
   3A Low Noise Step-Down DC-DC Converter
PAM2303 PAM-PAM2303 Datasheet
336Kb / 13P
   3A Low Noise Step-Down DC-DC Converter
PAM2320 PAM-PAM2320 Datasheet
249Kb / 11P
   3A Low Noise Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2307 DIODES-PAM2307 Datasheet
618Kb / 14P
   3A LOW NOISE STEP-DOWN DC-DC CONVERTER
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
   18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com