Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79801-Q1 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS79801-Q1
Description  50 mA, 3 V TO 50 V, MICROPOWER, LOW-DROPOUT LINEAR REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79801-Q1 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS79801-Q1 Datasheet HTML 1Page - Texas Instruments TPS79801-Q1 Datasheet HTML 2Page - Texas Instruments TPS79801-Q1 Datasheet HTML 3Page - Texas Instruments TPS79801-Q1 Datasheet HTML 4Page - Texas Instruments TPS79801-Q1 Datasheet HTML 5Page - Texas Instruments TPS79801-Q1 Datasheet HTML 6Page - Texas Instruments TPS79801-Q1 Datasheet HTML 7Page - Texas Instruments TPS79801-Q1 Datasheet HTML 8Page - Texas Instruments TPS79801-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
0
20
40
60
80
100
120
10
20
30
40
50
60
VIN – Input Voltage – V
VOUT = 5 V
TJ(max) = 125°C
0JA = 50°C/W
IOUT = 5 m A
IOUT = 30 m A
IOUT = 50 m A
D C
O pe ra t io n
T ra ns ie nt
( <5 0 0 m s )
Thermal
Shutdown
Current
Limit
Bandgap
GND
OUT
SENSE
IN
EN
Internal
Supply
TPS79801-Q1, TPS79850-Q1
www.ti.com
SLVS822D
– MARCH 2009 – REVISED AUGUST 2011
Figure 1. Safe Operating Area
FUNCTIONAL BLOCK DIAGRAMS
Figure 2. Fixed Voltage Output Version
Copyright
© 2009–2011, Texas Instruments Incorporated
5


Numéro de pièce similaire - TPS79801-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79801-Q1 TI1-TPS79801-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
TPS79801-Q1 TI-TPS79801-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
TPS79801-Q1 TI1-TPS79801-Q1_17 Datasheet
1Mb / 25P
[Old version datasheet]   50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
More results

Description similaire - TPS79801-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79801-Q1 TI1-TPS79801-Q1_17 Datasheet
1Mb / 25P
[Old version datasheet]   50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
TPS79801-Q1 TI-TPS79801-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
TPS79850-Q1 TI-TPS79850-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
logo
ON Semiconductor
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
logo
Texas Instruments
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP3308 AD-ADP3308 Datasheet
115Kb / 8P
   anyCAP??50 mA Low Dropout Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com