Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTA1266 Fiches technique(PDF) 1 Page - Tiger Electronic Co.,Ltd

No de pièce KTA1266
Description  TO-92 Plastic-Encapsulate Transistors (PNP)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TGS [Tiger Electronic Co.,Ltd]
Site Internet  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KTA1266 Fiches technique(HTML) 1 Page - Tiger Electronic Co.,Ltd

  KTA1266 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-92 Plastic-Encapsulate Transistors
KTA1266
TRANSISTOR (PNP)
FEATURES
Excellent hFE Linearity
Low
Noise
Complementary to KTC3198
MAXIMUM RATINGS (
Ta=25
unless otherwise noted
)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-0.15
A
PC
Collector Power Dissipation
625
mW
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC =-100μA, IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA, IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V, IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-0.1
μA
hFE(1)
VCE=-6V, IC=-2mA
70
400
DC current gain
hFE(2)
VCE=-6V, IC=-150mA
25
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA, IB=-10mA
-0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=-100mA, IB=-10mA
-1.1
V
Transition frequency
fT
VCE=-10V, IC=-1mA
80
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
7
pF
Noise figure
NF
VCE=-6V, Ic=-0.1mA,
f=1KHZ, Rg=10KΩ
10
dB
CLASSIFICATION OF
hFE(1)
Rank
O
Y
GR
Range
70-140
120-240
200-400
Marking
TO-92
1. EMITTER
2. COLLECTOR
3. BASE
A,June,2011
TIGER ELECTRONIC CO.,LTD


Numéro de pièce similaire - KTA1266

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1266 KEC-KTA1266 Datasheet
308Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Weitron Technology
KTA1266 WEITRON-KTA1266 Datasheet
216Kb / 3P
   PNP Plastic-Encapsulate Transistor
logo
KEC(Korea Electronics)
KTA1266 KEC-KTA1266 Datasheet
43Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTA1266 KEC-KTA1266 Datasheet
20Kb / 1P
   TO-92 PACKAGE
logo
SHENZHEN YONGERJIA INDU...
KTA1266 WINNERJOIN-KTA1266 Datasheet
139Kb / 1P
   TRANSISTOR (PNP)
More results

Description similaire - KTA1266

FabricantNo de pièceFiches techniqueDescription
logo
Tiger Electronic Co.,Lt...
2SA950 TGS-2SA950 Datasheet
259Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (PNP)
SS8550 TGS-SS8550 Datasheet
576Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (PNP)
logo
Shenzhen Luguang Electr...
2N6520 LUGUANG-2N6520 Datasheet
1Mb / 5P
   TO-92 Plastic-Encapsulate PNP Transistors
Revision:20170701-P1
logo
Tiger Electronic Co.,Lt...
BC327 TGS-BC327 Datasheet
241Kb / 1P
   TO-92 Plastic-Encapsulate Transistors (PNP)
KTA1271 TGS-KTA1271 Datasheet
102Kb / 1P
   TO-92 Plastic-Encapsulate Transistors (PNP)
logo
Shenzhen Luguang Electr...
2N4403 LUGUANG-2N4403 Datasheet
1Mb / 5P
   TO-92 Plastic-Encapsulate PNP Transistors
Revision:20170701-P1
logo
Tiger Electronic Co.,Lt...
MCR100-6 TGS-MCR100-6 Datasheet
132Kb / 2P
   TO-92 Plastic-Encapsulate Transistors (TO-92)
logo
Avic Technology
AV42 AVICTEK-AV42 Datasheet
148Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV1015 AVICTEK-AV1015 Datasheet
423Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
AV1815 AVICTEK-AV1815 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com