Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCX19 Fiches technique(PDF) 2 Page - Rohm

No de pièce BCX19
Description  NPN small signal transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BCX19 Fiches technique(HTML) 2 Page - Rohm

  BCX19_11 Datasheet HTML 1Page - Rohm BCX19_11 Datasheet HTML 2Page - Rohm BCX19_11 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BCX19
Data Sheet
2/2
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.09 - Rev.B
Absolute maximum ratings (Ta=25
C)
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
BASE TO EMITTER VOLTAGE : VBE (V)
VCE=1V
Ta=125ºC
75ºC
25ºC
-55ºC
0
20
40
60
80
100
0
0.4
0.8
1.2
1.6
2
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
IB=50uA
IB=0A
IB=100uA
IB=150uA
IB=200uA
IB=250uA
IB=300uA
IB=350uA
IB=400uA
IB=450uA
IB=500uA
Ta=25ºC
10
100
1000
1
10
100
1000
COLLECTOR CURRENT : IC (mA)
Ta=25ºC
VCE=5V
3V
1V
Fig1. Grounded Emitter Propagation
Characteristics
Fig2. Grounded Emitter Output
Characteristics
Fig3. DC Current Gain vs.
Collector Current (I)
10
100
1000
1
10
100
1000
COLLECTOR CURRENT : IC (mA)
VCE=1V
Ta=125ºC
75ºC
25ºC
-55ºC
0.01
0.1
1
1
10
100
1000
COLLECTOR CURRENT : IC (mA)
Ta=25ºC
IC/IB=50/1
20/1
10/1
0.01
0.1
1
1
10
100
1000
COLLECTOR CURRENT : IC (mA)
IC/IB=10/1
Ta=125ºC
75ºC
25ºC
-55ºC
Fig4. DC Current Gain vs.
Collector Current (II)
Fig5. Collector Saturation Voltage
vs. Collector Current (I)
Fig6. Collector Saturation Voltage
vs. Collector Current (II)
50
20
10
5
0.1 0.2
0.5
12
510 20
COLLECTOR TO BASE VOLTAGE : VCB (V)
EMITTER TO BASE VOLTAGE : VEB (V)
Fig.7 Input-and-output capacity
vs.voltage characteristic
Ta=25 C
f=1MHz
IE=0A
EMITTER CURRENT : IE (mA)
500
200
100
-1
-2
-5
-10
-20
-50
Fig.8 Transition frequency
vs.emitter current
Ta=25 C
Cib
Cob
VCE=6V


Numéro de pièce similaire - BCX19_11

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BCX19T116 ROHM-BCX19T116 Datasheet
155Kb / 3P
   NPN small signal transistor
More results

Description similaire - BCX19_11

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
   NPN Small Signal Transistor Small Signal Diode
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
   SMALL SIGNAL NPN TRANSISTOR
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
   NPN SMALL SIGNAL TRANSISTOR
logo
Rohm
BCX19T116 ROHM-BCX19T116 Datasheet
155Kb / 3P
   NPN small signal transistor
logo
Taiwan Semiconductor Co...
DTC143XM TSC-DTC143XM Datasheet
201Kb / 2P
   NPN Small Signal Transistor
logo
American Microsemicondu...
2N5320 AMMSEMI-2N5320 Datasheet
656Kb / 3P
   Small Signal NPN Transistor
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
   Small Signal Transistor (NPN)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com