Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BCX17 Datasheet(Fiches technique) 2 Page - Rohm

Numéro de pièce BCX17
Description  PNP small signal transistor
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BCX17 Datasheet(HTML) 2 Page - Rohm

  BCX17_11 Datenblatt HTML 1Page - Rohm BCX17_11 Datasheet HTML 2Page - Rohm BCX17_11 Datenblatt HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BCX17
Data Sheet
2/2
www.rohm.com
?
c
2011 ROHM Co., Ltd. All rights reserved.
2011.09 - Rev.B
?Electrical characteristics curves
Fig.1 Grounded emitter propagation
characteristics
0
?0.4
?0.8
?1.2
?1.6
?1000
?500
?200
?100
?50
?20
?10
?5
?2
?1
?0.5
?0.2
?0.1
Ta
=25
C
VCE
=6V
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.2 Grounded emitter output
characteristics ( )
?4
0
?8
?12
?16
?20
0
?40
?120
?80
?160
?200
?20
?100
?60
?140
?180
?1.0mA
?0.9mA
?0.8mA
?0.7mA
?0.6mA
?0.5mA
?0.4mA
?0.3mA
?0.2mA
?0.1mA
IB
=0mA
Ta
=25C
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.3 Grounded emitter output
characteristics ( )
?0.2
0
?0.4
?0.6
?0.8
?1.0
0
?100
?300
?200
?400
?500
?12mA ?10mA
?8mA
?6mA
?4mA
IB= ?2mA
?14mA
?16mA
?18mA
?20mA
Ta
=25C
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.4 DC current gain vs.
collector current
Ta
=25C
?1m
?10m
?100m
?1
1
20
10
5
2
50
100
200
500
1k
VCE
= ?3V
?2V
?1V
COLLECTOR CURRENT : IC
(A)
Fig.5
Collector-emitter saturation
voltage vs. collector current
COLLECTOR CURRENT : IC
(A)
Ta
=25C
?1m
?10m
?100m
?1
?1
?20
?10
?5
?2
?50
?200
?100
?500
?1000
IC/IB
=50
20
10
Fig.6 Gain bandwidth product vs.
emitter current
EMITTER CURRENT : IE
(A)
Ta
=25
C
VCE
= ?5V
1m
10m
100m
1
50
20
10
5
2
1
100
200
500
1000
Fig.7 Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
COLLECTOR TO BASE VOLTAGE : VCB
(V)
EMITTER TO BASE VOLTAGE
: VEB
(V)
Ta
=25
C
f
=1MHz
IE
=0A
?0.1
?1
?10
?100
1
20
10
5
2
50
100
200
500
1000
Cib
Cob


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn