Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA06-600C Fiches technique(PDF) 1 Page - Tiger Electronic Co.,Ltd

No de pièce BTA06-600C
Description  6A TRIACS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TGS [Tiger Electronic Co.,Ltd]
Site Internet  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

BTA06-600C Fiches technique(HTML) 1 Page - Tiger Electronic Co.,Ltd

  BTA06-600C Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BTA06-600C
GENERAL DESCRIPTION
6A TRIACS
Available either in through-hole or surface-mount packages, the BTA06 - 600C triac series is
suitable for general purpose AC switching. They can be used as an ON/OFF function in applications
such as static relays, heating regulation, induction motor starting circuits... or for phase control
operation in light dimmers, motor speed controllers, ...
The snubberless versions (BTA...W series) are specially recommended for use on
inductive loads, thanks to their high commutation performances. By using an internal ceramic pad,
the BTA series provides voltage insulated tab (rated at 2500V RMS) complying with UL standards.
Product specification
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
A1 A2 G
TO-220AB
PARAMETER
Symbol
Value
Unit
Repetitive peak off-state voltages
V
DRM
600
V
peak off-state reverse voltages
V
RRM
600
V
RMS on-state current
I
T
6.0
A
Non-repetitive peak on-state current
I
TSM
63
A
Max. Operating Junction Temperature
T
j
110
oC
Storage Temperature
T
stg
-45~150
oC
PARAMETER
Symbol
Test Conditions
Min.
Max
Unit
Repetitive peak off-state
voltages
VDRM
I
D=0.1mA
600
V
Repetitive peak off-state
current
IDRM
V
DRM=520V
10
uA
On-state voltage
VTM
I
T=5.5A
1.55
V
Holding current
IH
I
T=0.5A,IGT=20mA
25
mA
Gate trigger
Current
T2+G+
IGT
V
AK=12V
R
L=30
25
mA
T2+G-
25
T2-G-
25
T2-G+
50
Gate trigger
Voltage
T2+G+
VGT
V
D=12V
R
L=30
1.3
V
T2+G-
1.3
T2-G-
1.3
T2-G+
1.3
TIGER ELECTRONIC CO.,LTD


Numéro de pièce similaire - BTA06-600C

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTA06-600C STMICROELECTRONICS-BTA06-600C Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
BTA06-600C STMICROELECTRONICS-BTA06-600C Datasheet
64Kb / 5P
   STANDARD TRIACS
logo
Inchange Semiconductor ...
BTA06-600C ISC-BTA06-600C Datasheet
116Kb / 1P
   With TO-220AB insulated package
logo
First Silicon Co., Ltd
BTA06-600C FS-BTA06-600C Datasheet
913Kb / 5P
   Bi-Directional Triode Thyristor
logo
STMicroelectronics
BTA06-600CRG STMICROELECTRONICS-BTA06-600CRG Datasheet
65Kb / 6P
   SNUBBERLESS?? LOGIC LEVEL & STANDARD
More results

Description similaire - BTA06-600C

FabricantNo de pièceFiches techniqueDescription
logo
Kersemi Electronic Co.,...
BTB06-700B KERSEMI-BTB06-700B Datasheet
1Mb / 5P
   6A TRIACS
BTB06-600SW KERSEMI-BTB06-600SW Datasheet
1Mb / 5P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06_15 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
T610-600B-TR TGS-T610-600B-TR Datasheet
138Kb / 1P
   6A TRIACS
BTA06-800C TGS-BTA06-800C Datasheet
66Kb / 1P
   6A TRIACS
BTA06-600BF TGS-BTA06-600BF Datasheet
62Kb / 1P
   6A TRIACS
T610-600G-TR TGS-T610-600G-TR Datasheet
169Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06A UTC-BTB06A Datasheet
162Kb / 4P
   6A TRIACS
BTA06 UTC-BTA06 Datasheet
164Kb / 3P
   6A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA06-800B TGS-BTA06-800B Datasheet
217Kb / 1P
   6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06 Datasheet
164Kb / 3P
   6A TRIACS
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com