Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD1700C40K Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce SD1700C40K
Description  Standard Recovery Diodes (Hockey PUK Version), 2100 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1700C40K Fiches technique(HTML) 6 Page - Vishay Siliconix

  SD1700C40K Datasheet HTML 1Page - Vishay Siliconix SD1700C40K Datasheet HTML 2Page - Vishay Siliconix SD1700C40K Datasheet HTML 3Page - Vishay Siliconix SD1700C40K Datasheet HTML 4Page - Vishay Siliconix SD1700C40K Datasheet HTML 5Page - Vishay Siliconix SD1700C40K Datasheet HTML 6Page - Vishay Siliconix SD1700C40K Datasheet HTML 7Page - Vishay Siliconix SD1700C40K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93539
6
Revision: 14-May-08
SD1700C..K Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version),
2100 A
Fig. 19 - Thermal Impedance ZthJC Characteristics
ORDERING INFORMATION TABLE
0. 0 0 0 1
0. 00 1
0. 01
0. 1
0. 0 0 1
0 . 0 1
0 . 1
1
1 0
1 0 0
Sq u are W a v e Pu lse D u ra tio n ( s)
SD 1700 C . .K Se ries
St e ad y St a t e V a lue
R
= 0 .0 4 2 K /W
(Sin gle Sid e C o o le d )
R
= 0 .0 2 0 K /W
( D ou b le S ide C o oled )
(D C O p e ra t io n )
th J- hs
thJ -hs
1
-
Diode
2
-
Essential part number
3
-
0 = Standard recovery
4
-
C = Ceramic PUK
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
6
-
K = PUK case DO-200AC (K-PUK)
Device code
5
13
24
6
SD
170
0
C
45
K
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95247


Numéro de pièce similaire - SD1700C40K

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SD1700C40K VISHAY-SD1700C40K Datasheet
159Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
More results

Description similaire - SD1700C40K

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SD2000C04L VISHAY-SD2000C04L_12 Datasheet
137Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
VS-SD2000CL VISHAY-VS-SD2000CL Datasheet
150Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 04-Apr-14
SD2000C04L VISHAY-SD2000C04L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
SD1700C24K VISHAY-SD1700C24K Datasheet
159Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 2100 A
Revision: 14-May-08
VS-SD2000CL VISHAY-VS-SD2000CL_V01 Datasheet
163Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 2100 A
01-Jan-2022
VS-SD1700CK VISHAY-VS-SD1700CK_V01 Datasheet
205Kb / 8P
    Standard Recovery Diodes, (Hockey PUK), 2100 A
01-Jan-2022
VS-SD1700CK VISHAY-VS-SD1700CK Datasheet
222Kb / 8P
   Standard Recovery Diodes (Hockey PUK), 2100 A
Revision: 15-Apr-14
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com