Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD1053C28S30L Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce SD1053C28S30L
Description  Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1053C28S30L Fiches technique(HTML) 5 Page - Vishay Siliconix

  SD1053C28S30L Datasheet HTML 1Page - Vishay Siliconix SD1053C28S30L Datasheet HTML 2Page - Vishay Siliconix SD1053C28S30L Datasheet HTML 3Page - Vishay Siliconix SD1053C28S30L Datasheet HTML 4Page - Vishay Siliconix SD1053C28S30L Datasheet HTML 5Page - Vishay Siliconix SD1053C28S30L Datasheet HTML 6Page - Vishay Siliconix SD1053C28S30L Datasheet HTML 7Page - Vishay Siliconix SD1053C28S30L Datasheet HTML 8Page - Vishay Siliconix SD1053C28S30L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 93167
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
5
SD1053C..L Series
Fast Recovery Diodes
(Hockey PUK Version),
920/1050 A
Vishay High Power Products
Fig. 11 - Forward Power Loss Characteristics
Fig. 12 - Forward Power Loss Characteristics
Fig. 13 - Maximum Non-Repetitive Surge Current
Fig. 14 - Maximum Non-Repetitive Surge Current
Fig. 15 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 16 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
0
400
800
1200
1600
2000
2400
2800
3200
0
200
400
600
800
1000 1200
180°
120°
90°
60°
30°
Average Forward Current (A)
RMSLimit
Conduction Angle
SD1053C..S30L Series
T = 150°C
J
0
500
1000
1500
2000
2500
3000
3500
4000
4500
0
400
800
120016002000
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMSLimit
Conduction Period
SD1053C..S30L Series
T = 150°C
J
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
14000
110
100
Numb er Of Eq ua l Amp litud e Ha lf Cycle Current Pulses (N)
SD1053C..S20L Series
Initial T = 150 °C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
2000
4000
6000
8000
10000
12000
14000
16000
0.01
0.1
1
Pulse Train Duration (s)
SD1053C..S20L Series
VersusPulse Train Duration.
Maximum Non Repetitive Surge Current
Initial T = 150 °C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
110
100
Number Of Equa l Amplitude Half Cyc le Current Pulses (N)
SD1053C..S30L Series
Initial T = 150°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
0.01
0.1
1
Pulse Train Dura tion (s)
SD1053C..S30L Series
VersusPulse Train Duration.
Maximum Non Repetitive Surg e Current
Initial T = 150 °C
No Voltag e Reapplied
Rated V
Reapplied
J
RRM


Numéro de pièce similaire - SD1053C28S30L

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SD1053C28S30L VISHAY-SD1053C28S30L Datasheet
449Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
More results

Description similaire - SD1053C28S30L

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-SD1053CL VISHAY-VS-SD1053CL Datasheet
472Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 15-Feb-17
SD1053C18S20L VISHAY-SD1053C18S20L Datasheet
449Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
VS-SD1053CL VISHAY-VS-SD1053CL_V01 Datasheet
482Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920 A, 1050 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com