Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD1500C12L Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce SD1500C12L
Description  Standard Recovery Diodes (Hockey PUK Version), 1600 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1500C12L Fiches technique(HTML) 5 Page - Vishay Siliconix

  SD1500C12L Datasheet HTML 1Page - Vishay Siliconix SD1500C12L Datasheet HTML 2Page - Vishay Siliconix SD1500C12L Datasheet HTML 3Page - Vishay Siliconix SD1500C12L Datasheet HTML 4Page - Vishay Siliconix SD1500C12L Datasheet HTML 5Page - Vishay Siliconix SD1500C12L Datasheet HTML 6Page - Vishay Siliconix SD1500C12L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 93537
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 25-Jul-08
5
SD1500C..L Series
Standard Recovery Diodes
(Hockey PUK Version),
1600 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Diode
2
-
Essential part number
3
-
0 = Standard recovery
4
-
C = Ceramic PUK
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
6
-
L = PUK case DO-200AB (B-PUK)
Device code
5
13
24
6
SD
150
0
C
30
L
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95246


Numéro de pièce similaire - SD1500C12L

FabricantNo de pièceFiches techniqueDescription
logo
TRANSYS Electronics Lim...
SD1500C12L TEL-SD1500C12L Datasheet
162Kb / 1P
   STANDARD RECOVERY DIODE
logo
Vishay Siliconix
SD1500C12L VISHAY-SD1500C12L Datasheet
121Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 1600 A
Revision: 25-Jul-08
More results

Description similaire - SD1500C12L

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SD1500C04L VISHAY-SD1500C04L Datasheet
121Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 1600 A
Revision: 25-Jul-08
VS-SD1500CL VISHAY-VS-SD1500CL_V01 Datasheet
160Kb / 7P
   Standard Recovery Diodes, (Hockey PUK Version), 1600 A
01-Jan-2022
VS-SD1500CL VISHAY-VS-SD1500CL Datasheet
181Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 1600 A
Revision: 04-Apr-14
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com