Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD1053C22S20L Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SD1053C22S20L
Description  Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1053C22S20L Fiches technique(HTML) 3 Page - Vishay Siliconix

  SD1053C22S20L Datasheet HTML 1Page - Vishay Siliconix SD1053C22S20L Datasheet HTML 2Page - Vishay Siliconix SD1053C22S20L Datasheet HTML 3Page - Vishay Siliconix SD1053C22S20L Datasheet HTML 4Page - Vishay Siliconix SD1053C22S20L Datasheet HTML 5Page - Vishay Siliconix SD1053C22S20L Datasheet HTML 6Page - Vishay Siliconix SD1053C22S20L Datasheet HTML 7Page - Vishay Siliconix SD1053C22S20L Datasheet HTML 8Page - Vishay Siliconix SD1053C22S20L Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 93167
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
3
SD1053C..L Series
Fast Recovery Diodes
(Hockey PUK Version),
920/1050 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
ΔR
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.009
0.008
0.006
0.006
TJ = TJ maximum
K/W
120°
0.011
0.011
0.011
0.011
90°
0.014
0.014
0.015
0.015
60°
0.020
0.021
0.021
0.022
30°
0.036
0.036
0.036
0.036
40
60
80
100
120
140
160
0
100
200
300
400
500
600
700
30°
60°
90°
120°
180°
Average Forward Current (A)
Conduction Angle
SD1053C..S20L Series
(Single Side Cooled)
R
(DC) = 0.073 K/ W
thJ-hs
20
40
60
80
100
120
140
160
0
200
400
600
800
1000 1200
30°
60°
90°
180° DC
120°
Average Forward Current (A)
Cond uc tion Period
SD1053C..S20L Series
(Single Side Cooled)
R
(DC) = 0.073 K/ W
thJ-hs
20
40
60
80
100
120
140
160
0
100
200
300
400
500
600
30°
60°
90°
120°
180°
Average Forward Current (A)
Conduction Angle
SD1053C..S30L Series
(Single Side Cooled)
R
(DC) = 0.073 K/ W
thJ-hs
0
20
40
60
80
100
120
140
160
0
200
400
600
800
1000
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Conduc tion Period
SD1053C..S30L Series
(Single Side Cooled)
R
(DC) = 0.073 K/ W
thJ-hs


Numéro de pièce similaire - SD1053C22S20L

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SD1053C22S20L VISHAY-SD1053C22S20L Datasheet
449Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
More results

Description similaire - SD1053C22S20L

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
VS-SD1053CL VISHAY-VS-SD1053CL Datasheet
472Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 15-Feb-17
SD1053C18S20L VISHAY-SD1053C18S20L Datasheet
449Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
VS-SD1053CL VISHAY-VS-SD1053CL_V01 Datasheet
482Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920 A, 1050 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com