Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD853C30S50K Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SD853C30S50K
Description  Fast Recovery Diodes (Hockey PUK Version), 990 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD853C30S50K Fiches technique(HTML) 1 Page - Vishay Siliconix

  SD853C30S50K_12 Datasheet HTML 1Page - Vishay Siliconix SD853C30S50K_12 Datasheet HTML 2Page - Vishay Siliconix SD853C30S50K_12 Datasheet HTML 3Page - Vishay Siliconix SD853C30S50K_12 Datasheet HTML 4Page - Vishay Siliconix SD853C30S50K_12 Datasheet HTML 5Page - Vishay Siliconix SD853C30S50K_12 Datasheet HTML 6Page - Vishay Siliconix SD853C30S50K_12 Datasheet HTML 7Page - Vishay Siliconix SD853C30S50K_12 Datasheet HTML 8Page - Vishay Siliconix SD853C30S50K_12 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document Number: 93182
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
1
Fast Recovery Diodes
(Hockey PUK Version), 990 A
SD853C..S50K Series
Vishay High Power Products
FEATURES
• High power FAST recovery diode series
• 5.0 µs recovery time
• High voltage ratings up to 4500 V
• High current capability
• Optimized turn-on and turn-off characteristics
• Low forward recovery
• Fast and soft reverse recovery
• Press PUK encapsulation
• Case style conform to JEDEC DO-200AC (K-PUK)
• Maximum junction temperature 125 °C
• Lead (Pb)-free
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• Snubber diode for GTO
• High voltage freewheeling diode
• Fast recovery rectifier applications
PRODUCT SUMMARY
IF(AV)
990 A
DO-200AC (K-PUK)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IF(AV)
990
A
Ths
55
°C
IF(RMS)
1800
A
Ths
25
°C
IFSM
50 Hz
19 000
A
60 Hz
19 900
I2t
50 Hz
1810
kA2s
60 Hz
1652
VRRM
Range
3000 to 4500
V
trr
5.0
µs
TJ
25
°C
TJ
- 40 to 125


Numéro de pièce similaire - SD853C30S50K_12

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SD853C30S50K VISHAY-SD853C30S50K Datasheet
231Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 990 A
Revision: 14-May-08
More results

Description similaire - SD853C30S50K_12

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SD853C30S50K VISHAY-SD853C30S50K Datasheet
231Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 990 A
Revision: 14-May-08
VS-SD853CS50K VISHAY-VS-SD853CS50K Datasheet
285Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 990 A
Revision: 15-Apr-14
VS-SD853CS50K VISHAY-VS-SD853CS50K_V01 Datasheet
268Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 990 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com