Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS19-V Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce BAS19-V
Description  Small Signal Switching Diodes, High Voltage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS19-V Fiches technique(HTML) 3 Page - Vishay Siliconix

  BAS19-V_12 Datasheet HTML 1Page - Vishay Siliconix BAS19-V_12 Datasheet HTML 2Page - Vishay Siliconix BAS19-V_12 Datasheet HTML 3Page - Vishay Siliconix BAS19-V_12 Datasheet HTML 4Page - Vishay Siliconix BAS19-V_12 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAS19-V, BAS20-V, BAS21-V
Document Number 85540
Rev. 1.7, 10-Nov-10
Vishay Semiconductors
www.vishay.com
3
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Test Circuit and Waveforms
Layout for RthJA test
Thickness:
Fiberglass 1.5 mm (0.059 in.)
Copper leads 0.3 mm (0.012 in.)
Test circuit
Input Signal
- total pulse duration
tp(tot)=2 µs
- duty factor
δ = 0.0025
-rise time of reverse pulse
tr = 0.6ns
-reverse pulse duration
tp = 100ns
Oscilloscope
- rise time
tr = 0.35ns
- cicuit capitance*
C < 1pF
*C= oscilloscope input capactitance + parasitic capacitance
Waveforms; IR =3m A
Input signal
Output signal
Ω
18098
Ω
17451
15 (0.59)
12 (0.47)
0.8 (0.03)
5 (0.2)
7.5 (0.3)
3 (0.12)
1 (0.4)
1 (0.4)
2 (0.8)
2 (0.8)
1.5 (0.06)
5.1 (0.2)


Numéro de pièce similaire - BAS19-V_12

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BAS19-V-G VISHAY-BAS19-V-G Datasheet
95Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.0, 23-Nov-10
BAS19-V-GS08 VISHAY-BAS19-V-GS08 Datasheet
116Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 22-Jul-05
BAS19-V-GS18 VISHAY-BAS19-V-GS18 Datasheet
116Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 22-Jul-05
BAS19-V-G VISHAY-BAS19-V-G_12 Datasheet
95Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.0, 23-Nov-10
More results

Description similaire - BAS19-V_12

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BAV19WS VISHAY-BAV19WS_12 Datasheet
84Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 02-Aug-12
BAV19W-V VISHAY-BAV19W-V Datasheet
101Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.2, 22-Jul-05
BAV200 VISHAY-BAV200_12 Datasheet
177Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.7, 31-Jul-12
BAV19WS VISHAY-BAV19WS_17 Datasheet
87Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 2.2, 12-Jul-17
BAS19G VISHAY-BAS19G Datasheet
95Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-Feb-18
BAV19WG VISHAY-BAV19WG Datasheet
111Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.4, 22-Feb-18
BAV19W VISHAY-BAV19W Datasheet
99Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 13-May-13
BAV19W-G VISHAY-BAV19W-G Datasheet
100Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-May-13
BAV17 VISHAY-BAV17_12 Datasheet
106Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.8, 02-Aug-12
BAV19W-V-G VISHAY-BAV19W-V-G_12 Datasheet
71Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.1, 26-Nov-10
BAV301 VISHAY-BAV301 Datasheet
135Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.9, 07-Mar-06
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com