Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4448WS-V Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce 1N4448WS-V
Description  Small Signal Fast Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4448WS-V Fiches technique(HTML) 2 Page - Vishay Siliconix

  1N4448WS-V Datasheet HTML 1Page - Vishay Siliconix 1N4448WS-V Datasheet HTML 2Page - Vishay Siliconix 1N4448WS-V Datasheet HTML 3Page - Vishay Siliconix 1N4448WS-V Datasheet HTML 4Page - Vishay Siliconix 1N4448WS-V Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 81387
Rev. 1.1, 12-Aug-10
1N4448WS-V
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature.
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Rectification Efficiency Measurement Circuit
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
650 1)
K/W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
- 65 to + 150
°C
Parameter
Test condition
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 5 mA
VF
620
720
mV
IF = 100 mA
VF
1000
mV
Leakage current
VR = 20 V
IR
25
nA
VR = 75 V
IR
5µA
VR = 20 V, Tj = 150 °C
IR
50
µA
Diode capacitance
VF = VR = 0 V
CD
4pF
Reverse recovery time
IF = 10 mA, IR = 1 mA, VR = 6 V,
RL = 100 Ω
trr
4ns
Rectification efficiency
f = 100 MHz, VRF = 2 V
ην
0.45
17436
60
Ω
5 k
Ω
2 nF
VO
VRF = 2 V


Numéro de pièce similaire - 1N4448WS-V

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
1N4448WS-V VISHAY-1N4448WS-V Datasheet
86Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.0, 04-Sep-06
1N4448WS-V VISHAY-1N4448WS-V Datasheet
70Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.3, 17-Aug-10
logo
SUNMATE electronic Co.,...
1N4448WS-V SUNMATE-1N4448WS-V Datasheet
204Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
logo
Vishay Siliconix
1N4448WS-V-GS08 VISHAY-1N4448WS-V-GS08 Datasheet
86Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.0, 04-Sep-06
1N4448WS-V-GS18 VISHAY-1N4448WS-V-GS18 Datasheet
86Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.0, 04-Sep-06
More results

Description similaire - 1N4448WS-V

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.2, 06-Apr-05
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
1N4148WFL-G VISHAY-1N4148WFL-G Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.0., 24-Oct-13
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4448WS VISHAY-1N4448WS Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 14-Oct-16
1N4148W VISHAY-1N4148W Datasheet
105Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 08-May-13
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
   Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
   Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
   Small Signal Fast Switching Diode
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com