Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

1N1188 Datasheet(Fiches technique) 1 Page - Vishay Siliconix

Numéro de pièce 1N1188
Description  Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N1188 Datasheet(HTML) 1 Page - Vishay Siliconix

  1N1188 Datasheet HTML 1Page - Vishay Siliconix 1N1188 Datenblatt HTML 2Page - Vishay Siliconix 1N1188 Datenblatt HTML 3Page - Vishay Siliconix 1N1188 Datenblatt HTML 4Page - Vishay Siliconix 1N1188 Datenblatt HTML 5Page - Vishay Siliconix 1N1188 Datenblatt HTML 6Page - Vishay Siliconix 1N1188 Datenblatt HTML 7Page - Vishay Siliconix 1N1188 Datenblatt HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 93492
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 25-May-09
1
Power Silicon Rectifier Diodes,
35 A/40 A/60 A
1N1183, 1N3765, 1N1183A, 1N2128A Series
Vishay High Power Products
DESCRIPTION/FEATURES
• Low leakage current series
• Good surge current capability up to 1000 A
• Can be supplied to meet stringent military, aerospace and
other high reliability requirements
• Compliant to RoHS directive 2002/95/EC
Note
(1) JEDEC registered values
ELECTRICAL SPECIFICATIONS
Notes
(1) JEDEC registered values
(2) For 1N1183 Series and 1N3765 Series TC = - 65 °C to 190 °C
Basic type number indicates cathode to case. For anode to case, add “R” to part number, e.g., 1N1188R, 1N3766R, 1N1186AR, 1N2135AR
PRODUCT SUMMARY
IF(AV)
35 A/40 A/60 A
DO-203AB (DO-5)
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
1N1183
1N3765
1N1183A
1N2128A
UNITS
IF(AV)
35 (1)
35 (1)
40 (1)
60 (1)
A
TC
140 (1)
140 (1)
150 (1)
140 (1)
°C
IFSM
50 Hz
480
380
765
860
A
60 Hz
500 (1)
400 (1)
800 (1)
900 (1)
I2t
50 Hz
1140
730
2900
3700
A2s
60 Hz
1040
670
2650
3400
I2
√t
16 100
10 300
41 000
52 500
A2
√s
VRRM
Range
50 to 600 (1)
700 to 1000 (1)
50 to 600 (1)
50 to 600 (1)
V
VOLTAGE RATINGS
TYPE NUMBER
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
(TJ = - 65 °C TO 200 °C (2))
V
VRM, MAXIMUM DIRECT
REVERSE VOLTAGE
(TJ = - 65 °C TO 200 °C (2))
V
1N1183
1N1183A
1N2128A
50 (1)
50 (1)
1N1184
1N1184A
1N2129A
100 (1)
100 (1)
1N1185
1N1185A
1N2130A
150 (1)
150 (1)
1N1186
1N1186A
1N2131A
200 (1)
200 (1)
1N1187
1N1187A
1N2133A
300 (1)
300 (1)
1N1188
1N1188A
1N2135A
400 (1)
400 (1)
1N1189
1N1189A
1N2137A
500 (1)
500 (1)
1N1190
1N1190A
1N2138A
600 (1)
600 (1)
1N3765
700 (1)
700 (1)
1N3766
800 (1)
800 (1)
1N3767
900 (1)
900 (1)
1N3768
1000 (1)
1000 (1)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn