Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM5150B Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce SM5150B
Description  Voltage 150V 5.0 Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM5150B Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM5150B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM5150B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM5150B
Voltage 150V
5.0 Amp Schottky Barrier Rectifiers
01-Mar-2012 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering : 250°C for 10 Seconds at Terminals
Low Revise Current
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Lead: Axial Leads, Solderable per MIL-STD-202
method 208 Guaranteed
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMB
3K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Peak Repetitive Peak reverse voltage
VRRM
150
V
Working Peak Reverse Voltage
VRWM
150
V
Maximum DC Blocking Voltage
VR
150
V
Average Forward Current @TJ=25°C
IF(AV)
5
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
IFSM
150
A
IFM=5.0A, TA=25°C
0.83
IFM=5.0A, TA=75°C
0.73
Maximum Instantaneous Forward Voltage
IFM=5.0A, TA=125°C
VF
0.65
V
TJ=25°C
50
Maximum DC Reverse Current at Rated DC
Blocking Voltage
3
TJ=100°C
IR
800
μA
Typical Junction Capacitance
1
CJ
350
pF
Typical Thermal Resistance
2
RθJC
15
°C / W
Voltage Rate of Chance (Rated VR)
dv / dt
1000
V / μs
Operating & Storage Temperature
TJ ,TSTG
-50~150, -65~175
°C
Notes:
1.
Measured at 1MHz and applied reverse voltage of 5.0 V D.C.
2.
Thermal Resistance Junction to Case.
3.
Pulse Test:Pulse Width≦300μs, Duty Cycle≦2.0%.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.91
2.20
E
-
0.203
B
4.06
4.70
F
5.08
5.59
C
3.30
3.94
G
0.76
1.52
D
2.13
2.44
H
0.15
0.305
SMB
A
B
E
G
D
F
C
H


Numéro de pièce similaire - SM5150B

FabricantNo de pièceFiches techniqueDescription
logo
Goodwork Semiconductor ...
SM5150B GWSEMI-SM5150B Datasheet
63Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM5150BF AITSEMI-SM5150BF Datasheet
566Kb / 5P
   SCHOTTKY DIODES REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
logo
SeCoS Halbleitertechnol...
SM5150BM SECOS-SM5150BM Datasheet
310Kb / 2P
   Voltage 20 ~ 200 V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
SM5150B SECOS-SM5150B_15 Datasheet
266Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
More results

Description similaire - SM5150B

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SM5150A SECOS-SM5150A Datasheet
202Kb / 2P
   Voltage 150V 5.0 Amp Schottky Barrier Rectifiers
SBR30150 SECOS-SBR30150 Datasheet
321Kb / 2P
   VOLTAGE 150V 30.0 AMP Schottky Barrier Rectifiers
SBR40150RF SECOS-SBR40150RF Datasheet
307Kb / 2P
   VOLTAGE 150V 40.0 Amp Schottky Barrier Rectifiers
SM8150C SECOS-SM8150C Datasheet
135Kb / 2P
   Voltage 150V 8 Amp Schottky Barrier Rectifiers
SM5100A SECOS-SM5100A Datasheet
425Kb / 2P
   Voltage 100V 5.0 Amp Schottky Barrier Rectifiers
SM5150C SECOS-SM5150C Datasheet
147Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR520 GWSEMI-SR520 Datasheet
65Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5100K SECOS-SR5100K_15 Datasheet
246Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com