Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC79M08BDT-1 Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MC79M08BDT-1
Description  THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC79M08BDT-1 Fiches technique(HTML) 3 Page - Motorola, Inc

  MC79M08BDT-1 Datasheet HTML 1Page - Motorola, Inc MC79M08BDT-1 Datasheet HTML 2Page - Motorola, Inc MC79M08BDT-1 Datasheet HTML 3Page - Motorola, Inc MC79M08BDT-1 Datasheet HTML 4Page - Motorola, Inc MC79M08BDT-1 Datasheet HTML 5Page - Motorola, Inc MC79M08BDT-1 Datasheet HTML 6Page - Motorola, Inc MC79M08BDT-1 Datasheet HTML 7Page - Motorola, Inc MC79M08BDT-1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC79M00
3
MOTOROLA ANALOG IC DEVICE DATA
MC79M08B, C
ELECTRICAL CHARACTERISTICS (VI = –10 V, IO = 350 mA, Tlow to Thigh [Note 2], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
–7.7
–8.0
–8.3
Vdc
Line Regulation, TJ = 25°C (Note 1)
–7.0 Vdc
≥ VI ≥ –25 Vdc
–8.0 Vdc
≥ VI ≥ –18 Vdc
Regline
5.0
3.0
80
50
mV
Load Regulation, TJ = 25°C (Note 1)
5.0 mA
≤ IO ≤ 500 mA
Regload
30
100
mV
Output Voltage
–7.0 Vdc
≥ VI ≥ –25 Vdc, 5.0 mA ≤ IO ≤ 350 mA
VO
–7.6
–8.0
–8.4
Vdc
Input Bias Current (TJ = 25°C)
IIB
8.0
mA
Input Bias Current Change
–8.0 Vdc
≥ VI ≥ –25 Vdc, IO = 350 mA
5.0 mA
≤ IO ≤ 350 mA, VI = –10 V
∆IIB
0.4
0.4
mA
Output Noise Voltage, TA = 25°C, 10 Hz ≤ f ≤ 100 kHz
Vn
60
µV
Ripple Rejection (f = 120 Hz)
RR
54
63
dB
Dropout Voltage
IO = 500 mA, TJ = 25°C
VI–VO
1.1
Vdc
Average Temperature Coefficient of Output Voltage
IO = 5.0 mA, 0°C ≤ TJ ≤ 125°C
∆VO/∆T
0.4
mV/
°C
MC79M12B, C
ELECTRICAL CHARACTERISTICS (VI = –19 V, IO = 350 mA, Tlow to Thigh [Note 2], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
–11.5
–12
–12.5
Vdc
Line Regulation, TJ = 25°C (Note 1)
–14.5 Vdc
≥ VI ≥ –30 Vdc
–15 Vdc
≥ VI ≥ –25 Vdc
Regline
5.0
3.0
80
50
mV
Load Regulation, TJ = 25°C (Note 1)
5.0 mA
≤ IO ≤ 500 mA
Regload
30
240
mV
Output Voltage
–14.5 Vdc
≥ VI ≥ –30 Vdc, 5.0 mA ≤ IO ≤ 350 mA
VO
–11.4
–12.6
Vdc
Input Bias Current (TJ = 25°C)
IIB
4.4
8.0
mA
Input Bias Current Change
–14.5 Vdc
≥ VI ≥ –30 Vdc, IO = 350 mA
5.0 mA
≤ IO ≤ 350 mA, VI = –19 V
∆IIB
0.4
0.4
mA
Output Noise Voltage, TA = 25°C, 10 Hz ≤ f ≤ 100 kHz
Vn
75
µV
Ripple Rejection (f = 120 Hz)
RR
54
60
dB
Dropout Voltage
IO = 500 mA, TJ = 25°C
VI–VO
1.1
Vdc
Average Temperature Coefficient of Output Voltage
IO = 5.0 mA, 0°C ≤ TJ ≤ 125°C
∆VO/∆T
–0.8
mV/
°C
NOTES: 1. Load and line regulation are specified at constant temperature. Change in VO due to heating effects must be taken into account separately. Pulse
testing with low duty cycle is used.
2. B = Tlow to Thigh, –40°C < TJ < 125°C
C = Tlow to Thigh, 0°C < TJ < 125°C


Numéro de pièce similaire - MC79M08BDT-1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC79M08BDT ONSEMI-MC79M08BDT Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79M08BDT ONSEMI-MC79M08BDT Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M08BDTRK ONSEMI-MC79M08BDTRK Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
MC79M08BDTRK ONSEMI-MC79M08BDTRK Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
More results

Description similaire - MC79M08BDT-1

FabricantNo de pièceFiches techniqueDescription
logo
Micropac Industries
42051 MICROPAC-42051 Datasheet
254Kb / 3P
   5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC79L00 MOTOROLA-MC79L00 Datasheet
135Kb / 6P
   THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
   Three-Terminal Negative Voltage Regulators
logo
Toshiba Semiconductor
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com