Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

932S203YFLXT Fiches technique(PDF) 10 Page - Integrated Device Technology

No de pièce 932S203YFLXT
Description  Frequency Generator with 133MHz Differential CPU Clocks
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

932S203YFLXT Fiches technique(HTML) 10 Page - Integrated Device Technology

Back Button 932S203YFLXT Datasheet HTML 6Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 7Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 8Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 9Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 10Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 11Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 12Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 13Page - Integrated Device Technology 932S203YFLXT Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
IDTTM Frequency Generator with 133MHz Differential CPU Clocks
0601G—01/26/10
ICS932S203
Frequency Generator with 133MHz Differential CPU Clocks
10
Electrical Characteristics- 3V66 - Buffered Mode: 3V66 [1:0] 66MHz_OUT [2:0]
TA = 0 - 70C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO1
66.66
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
33
55
W
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.55
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, V OH@MAX = 3.135 V
-33
-33
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
30
38
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.44
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.36
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
4554.655
%
Skew
tsk1
1
VT = 1.5 V
3V66 [1:0]
105
250
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V 3V66 [1:0]
121
300
ps
Skew
tsk1
1
VT = 1.5 V 66MHz_OUT [2:0]
169
250
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V 66MHz_OUT [2:0]
89
300
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - 3V66 -Un-Buffered Mode: 3V66 [5:0]
TA = 0 - 70°C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Frequency
FO1
66.66
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
33
55
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.55
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, V OH@MAX = 3.135 V
-33
-33
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
30
38
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.38
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.45
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
54.4
55
%
Skew
tsk1
1
VT = 1.5 V
90
250
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V 3V66
128
250
ps
1Guaranteed by design, not 100% tested in production.


Numéro de pièce similaire - 932S203YFLXT

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
932S203YFLXT RENESAS-932S203YFLXT Datasheet
624Kb / 19P
   Frequency Generator with 133MHz Differential CPU Clocks
01/26/10
More results

Description similaire - 932S203YFLXT

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ICS932S203 RENESAS-ICS932S203 Datasheet
624Kb / 19P
   Frequency Generator with 133MHz Differential CPU Clocks
01/26/10
logo
Integrated Circuit Syst...
ICS932S203 ICST-ICS932S203 Datasheet
252Kb / 17P
   Frequency Generator with 133MHz Differential CPU Clocks
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
   Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
   Frequency Generator with 200MHz Differential CPU Clocks
2019
logo
Integrated Circuit Syst...
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com