Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74FCT388915T13JG Fiches technique(PDF) 3 Page - Integrated Device Technology

No de pièce 74FCT388915T13JG
Description  3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT388915T13JG Fiches technique(HTML) 3 Page - Integrated Device Technology

  74FCT388915T13JG Datasheet HTML 1Page - Integrated Device Technology 74FCT388915T13JG Datasheet HTML 2Page - Integrated Device Technology 74FCT388915T13JG Datasheet HTML 3Page - Integrated Device Technology 74FCT388915T13JG Datasheet HTML 4Page - Integrated Device Technology 74FCT388915T13JG Datasheet HTML 5Page - Integrated Device Technology 74FCT388915T13JG Datasheet HTML 6Page - Integrated Device Technology 74FCT388915T13JG Datasheet HTML 7Page - Integrated Device Technology 74FCT388915T13JG Datasheet HTML 8Page - Integrated Device Technology 74FCT388915T13JG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
COMMERCIALTEMPERATURERANGE
IDT74FCT388915T
3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (3-STATE)
3
Symbol
Description
Max
Unit
VTERM(2)
Terminal Voltage with Respect to GND
–0.5 to +4.6
V
VTERM(3)
Terminal Voltage with Respect to GND
–0.5 to +7
V
VTERM(4)
Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
° C
IOUT
DC Output Current
–60 to +60
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. Vcc terminals.
3. Input terminals.
4. Outputs and I/O terminals.
Symbol
Parameter
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2
5.5
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current(4)
VCC = Max.
VI = 5.5V
±1µ A
IIL
Input LOW Current(4)
VCC = Max.
VI = GND
±1µ A
IOZH
High Impedance Output Current(4)
VCC = Max.
VI = VCC
——
±1µ A
IOZL
(3-State Output Pins)
VI = GND
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IODH
Output Drive Current
VCC = Min., VIN = VIH or VIL, VO = 1.5V(3)
–36
mA
IODL
Output Drive Current
VCC = Min., VIN = VIH or VIL, VO = 1.5V(3)
50
mA
VOH
Output HIGH Voltage
VCC = Min
IOH = –16mA
2.4(4)
3.3
V
VOL
Output LOW Voltage
VCC = Min
IOL = 32mA
0.3
0.5
V
VH
Input Hysteresis
100
mV
ICCL
Quiescent Power Supply Current
VCC = Max.,VIN = GND or VCC
—2
6
µ A
ICCH
(Test Mode)
ICCZ
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA = 0°C to +70°C, VCC = 3.3V ± 0.3V
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Not more than one output should be tested at one time. Duration of the test should not exceed one second.
4. VOH = VCC - 0.6V at rated current.


Numéro de pièce similaire - 74FCT388915T13JG

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
74FCT3807 RENESAS-74FCT3807 Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
74FCT3807 RENESAS-74FCT3807 Datasheet
394Kb / 20P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
74FCT38072DCGI RENESAS-74FCT38072DCGI Datasheet
218Kb / 6P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
74FCT38072DGGI IDT-74FCT38072DGGI Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
74FCT38072S IDT-74FCT38072S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
More results

Description similaire - 74FCT388915T13JG

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
IDT74FCT388915T IDT-IDT74FCT388915T Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
logo
Renesas Technology Corp
IDT74FCT388915T RENESAS-IDT74FCT388915T Datasheet
506Kb / 13P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
MARCH 2016
logo
Integrated Device Techn...
IDT74FCT88915TT IDT-IDT74FCT88915TT Datasheet
140Kb / 11P
   LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Exar Corporation
XRK39910 EXAR-XRK39910 Datasheet
229Kb / 9P
   3.3V LOW SKEW PLL CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
logo
Integrated Device Techn...
QS5LV931 IDT-QS5LV931 Datasheet
62Kb / 8P
   3.3V LOW SKEW CMOS PLL CLOCK DRIVER WITH INTEGRATED LOOP FILTER
logo
Motorola, Inc
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com