Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74FCT3807DPYGI Fiches technique(PDF) 1 Page - Integrated Device Technology

No de pièce 74FCT3807DPYGI
Description  3.3V CMOS 1-TO-10 CLOCK DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT3807DPYGI Fiches technique(HTML) 1 Page - Integrated Device Technology

  74FCT3807DPYGI Datasheet HTML 1Page - Integrated Device Technology 74FCT3807DPYGI Datasheet HTML 2Page - Integrated Device Technology 74FCT3807DPYGI Datasheet HTML 3Page - Integrated Device Technology 74FCT3807DPYGI Datasheet HTML 4Page - Integrated Device Technology 74FCT3807DPYGI Datasheet HTML 5Page - Integrated Device Technology 74FCT3807DPYGI Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
IDT74FCT3807D/E
3.3V CMOS 1-TO-10 CLOCK DRIVER
INDUSTRIALTEMPERATURERANGE
MAY 2010
2006 Integrated Device Technology, Inc.
DSC-5865/17
c
IDT74FCT3807D/E
INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS
1-TO-10 CLOCK DRIVER
DESCRIPTION:
The FCT3807 is a 3.3V clock driver built using advanced CMOS technol-
ogy. Thislowskewclockdriveroffers1:10fanout. Thelargefanoutfromasingle
input reduces loading on the preceding driver and provides an efficient clock
distribution network. Multiple power and grounds reduce noise. Typical
applicationsareclockandsignaldistribution.
FUNCTIONAL BLOCK DIAGRAM
IN
O1
O2
O3
O4
O5
O6
O7
O8
O9
O10
PIN CONFIGURATION
GND
VCC
GND
VCC
GND
GND
VCC
GND
O5
VCC
IN
O1
O2
O3
O4
O10
O9
O8
O7
O6
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
SSOP/ QSOP/ TSSOP
TOP VIEW
FEATURES:
• Advanced CMOS Technology
• Guaranteed low skew < 100ps (max.)
• Very low duty cycle distortion< 250ps (max.)
• High speed propagation delay< 2ns (max.)
• Very low CMOS power levels
• TTL compatible inputs and outputs
• 1:10 fanout
• Maximum output rise and fall time < 1ns (max.)
• Low input capacitance: 3pF typical
•VCC = 3.3V ± 0.3V
• Inputs can be driven from 3.3V or 5V components
• Operating frequency up to 166MHz
• Available in SSOP, QSOP, and TSSOP packages
The IDT logo is a registered trademark of Integrated Device Technology, Inc.


Numéro de pièce similaire - 74FCT3807DPYGI

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
74FCT3807D RENESAS-74FCT3807D Datasheet
394Kb / 20P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
74FCT3807D/E RENESAS-74FCT3807D/E Datasheet
473Kb / 20P
   HIGH-SPEED 3.3V 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
AUGUST 2019
More results

Description similaire - 74FCT3807DPYGI

FabricantNo de pièceFiches techniqueDescription
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3807AH ALSC-ASM2P3807AH Datasheet
692Kb / 19P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3807 IDT-IDT74FCT3807_14 Datasheet
109Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT3807D RENESAS-IDT74FCT3807D Datasheet
217Kb / 7P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
JULY 2006
logo
Pericom Semiconductor C...
PI49FCT32807 PERICOM-PI49FCT32807 Datasheet
383Kb / 6P
   3.3V 1:10 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO49FCT32807 POTATO-PO49FCT32807 Datasheet
546Kb / 6P
   3.3V 1:10 CMOS Clock Buffered Driver
logo
Integrated Device Techn...
IDT74FCT38074 IDT-IDT74FCT38074_09 Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-4 CLOCK DRIVER
IDT74FCT38072 IDT-IDT74FCT38072 Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com