Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

92HD98 Fiches technique(PDF) 11 Page - Integrated Device Technology

No de pièce 92HD98
Description  SINGLE CHIP PC AUDIO SYSTEM
Download  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

92HD98 Fiches technique(HTML) 11 Page - Integrated Device Technology

Back Button 92HD98 Datasheet HTML 7Page - Integrated Device Technology 92HD98 Datasheet HTML 8Page - Integrated Device Technology 92HD98 Datasheet HTML 9Page - Integrated Device Technology 92HD98 Datasheet HTML 10Page - Integrated Device Technology 92HD98 Datasheet HTML 11Page - Integrated Device Technology 92HD98 Datasheet HTML 12Page - Integrated Device Technology 92HD98 Datasheet HTML 13Page - Integrated Device Technology 92HD98 Datasheet HTML 14Page - Integrated Device Technology 92HD98 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 273 page
background image
IDT CONFIDENTIAL
11
V 1.1 1/12
©2009 INTEGRATED DEVICE TECHNOLOGY, INC.
92HD98
92HD98
SINGLE CHIP PC AUDIO SYSTEM, CODEC+MONO SPEAKER AMPLIFIER+CAPLESS HP+LDO
1. DESCRIPTION
1.1.
Overview
The 92HD98 audio CODEC provides stereo 24- bit, full duplex resolution supporting sample rates up
to 192kHz by the DAC and ADC. SPDIF outputs support sample rates of 192kHz, 96kHz, 88.2kHz,
48kHz, and 44.1kHz. Additional sample rates are supported by the driver software.
An integrated BTL mono amplifier is ideal for driving 4ohm or 8ohm integrated speakers in mobile
and ultra-mobile computers. For desktop computers or mobile computers using only one speaker,
the BTL output stage may be configured to support a single mono speaker.
The 92HD98 audio CODEC supports a wide range of desktop and laptop configurations. The 2 inde-
pendent SPDIF output interfaces provide connectivity to consumer electronic equipment or to a
home entertainment system. Simultaneous HDMI and SPDIF output is possible. All inputs can be
programmed with 0-30 dB gain in 10 dB steps allowing for line or microphone use of any input.
Port presence detect capabilities allow the CODEC to detect when audio devices are connected to
the CODEC. The fully parametric Internal EQ can be initiated upon headphone jack insertion and
removal for protection of notebook speakers.
The 92HD98 audio CODEC operates with a 3.3V digital supply and a 5V (4.75V allowed when using
external voltage regulator) analog supply. It allows for 1.5V and 3.3V HDA signaling; the correct sig-
nalling level is selected dynamically based on the power supply voltage on the DVDD-IO pin.
The 92HD98 audio CODEC is offered in a 40-pin QFN Environmental (ROHS) package.
1.2.
Orderable Part Numbers
yy = silicon stepping/revision, contact sales for current data.
Add an “8” to the end for tape and reel delivery.
92HD98B1X5NDGXyyX
HDA 3.3V, Aux mode
92HD98B2X5NDGXyyX
HDA 3.3V, No Aux mode
92HD98B3X5NDGXyyX
HDA 1.5V, Aux mode
92HD98B4X5NDGXyyX
HDA 1.5V, No Aux mode


Numéro de pièce similaire - 92HD98

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
92HD90 IDT-92HD90 Datasheet
3Mb / 302P
   SINGLE CHIP PC AUDIO SYSTEM
92HD91 IDT-92HD91 Datasheet
3Mb / 298P
   SINGLE CHIP PC AUDIO SYSTEM
92HD92 IDT-92HD92 Datasheet
3Mb / 306P
   SINGLE CHIP PC AUDIO SYSTEM
92HD93 IDT-92HD93 Datasheet
3Mb / 302P
   SINGLE CHIP PC AUDIO SYSTEM
92HD99B IDT-92HD99B Datasheet
2Mb / 225P
   SINGLE CHIP PC AUDIO SYSTEM
More results

Description similaire - 92HD98

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
92HD92 IDT-92HD92 Datasheet
3Mb / 306P
   SINGLE CHIP PC AUDIO SYSTEM
92HD93 IDT-92HD93 Datasheet
3Mb / 302P
   SINGLE CHIP PC AUDIO SYSTEM
92HD99B IDT-92HD99B Datasheet
2Mb / 225P
   SINGLE CHIP PC AUDIO SYSTEM
92HD91 IDT-92HD91 Datasheet
3Mb / 298P
   SINGLE CHIP PC AUDIO SYSTEM
92HD81 IDT-92HD81 Datasheet
4Mb / 279P
   SINGLE CHIP PC AUDIO SYSTEM
92HD87 IDT-92HD87 Datasheet
2Mb / 204P
   SINGLE CHIP PC AUDIO SYSTEM
92HD90 IDT-92HD90 Datasheet
3Mb / 302P
   SINGLE CHIP PC AUDIO SYSTEM
logo
Cirrus Logic
CS4236B CIRRUS-CS4236B Datasheet
1Mb / 110P
   CrystalClearÔ Single Chip Audio System
SEP 97
logo
Sanyo Semicon Device
LA4160 SANYO-LA4160 Datasheet
320Kb / 11P
   Single-Chip Tape Recorder Audio System
logo
YAMAHA CORPORATION
YMF715E YAMAHA-YMF715E Datasheet
282Kb / 54P
   OPL3 Single-chip Audio System 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com