Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

92HD66B Fiches technique(PDF) 4 Page - Integrated Device Technology

No de pièce 92HD66B
Description  FOUR CHANNEL HD AUDIO CODECS
Download  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

92HD66B Fiches technique(HTML) 4 Page - Integrated Device Technology

  92HD66B Datasheet HTML 1Page - Integrated Device Technology 92HD66B Datasheet HTML 2Page - Integrated Device Technology 92HD66B Datasheet HTML 3Page - Integrated Device Technology 92HD66B Datasheet HTML 4Page - Integrated Device Technology 92HD66B Datasheet HTML 5Page - Integrated Device Technology 92HD66B Datasheet HTML 6Page - Integrated Device Technology 92HD66B Datasheet HTML 7Page - Integrated Device Technology 92HD66B Datasheet HTML 8Page - Integrated Device Technology 92HD66B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 286 page
background image
4
V 1.0 2/12
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
92HD66B
92HD66B
FOUR CHANNEL HD AUDIO CODECS WITH DUAL CAPLESS HEADPHONE AMPLIFIERS
PortB (NID = 0Bh): ConSelectCtrl 98
PortB (NID = 0Bh): PwrState 98
PortB (NID = 0Bh): PinWCntrl 99
PortB (NID = 0Bh): UnsolResp 100
PortB (NID = 0Bh): ChSense 101
PortB (NID = 0Bh): EAPDBTLLR 101
PortB (NID = 0Bh): ConfigDefault 101
PortC (NID = 0Ch): WCap 104
PortC (NID = 0Ch): PinCap 105
PortC (NID = 0Ch): ConLst 106
PortC (NID = 0Ch): ConLstEntry0 107
PortC (NID = 0Ch): InAmpLeft 107
PortC (NID = 0Ch): InAmpRight 108
PortC (NID = 0Ch): ConSelectCtrl 108
PortC (NID = 0Ch): PwrState 109
PortC (NID = 0Ch): PinWCntrl 109
PortC (NID = 0Ch): UnsolResp 110
PortC (NID = 0Ch): ChSense 111
PortC (NID = 0Ch): EAPDBTLLR 111
PortC (NID = 0Ch): ConfigDefault 112
NID = 0Dh Reserved 114
PortE (NID = 0Eh): WCap (Available only on 48-pin versions) 114
PortE (NID = 0Eh): PinCap (Available only on 48-pin versions) 116
PortE (NID = 0Eh): ConLst (Available only on 48-pin versions) 117
PortE (NID = 0Eh): ConLstEntry0 (Available only on 48-pin versions) 118
PortE (NID = 0Eh): InAmpLeft (Available only on 48-pin versions) 118
PortE (NID = 0Eh): InAmpRight (Available only on 48-pin versions) 118
PortE (NID = 0Eh): ConSelectCtrl (Available only on 48-pin versions) 119
PortE (NID = 0Eh): PwrState (Available only on 48-pin versions) 119
PortE (NID = 0Eh): PinWCntrl (Available only on 48-pin versions) 120
PortE (NID = 0Eh): UnsolResp (Available only on 48-pin versions) 121
PortE (NID = 0Eh): ChSense (Available only on 48-pin versions) 121
PortE (NID = 0Eh): EAPDBTLLR (Available only on 48-pin versions) 122
PortE (NID = 0Eh): ConfigDefault (Available only on 48-pin versions) 122
PortF (NID = 0Fh): WCap 125
PortF (NID = 0Fh): PinCap 126
PortF (NID = 0Fh): ConLst 127
PortF (NID = 0Fh): ConLstEntry0 128
PortF (NID = 0Fh): InAmpLeft 128
PortF (NID = 0Fh): InAmpRight 129
PortF (NID = 0Fh): ConSelectCtrl 129
PortF (NID = 0Fh): PwrState 130
PortF (NID = 0Fh): PinWCntrl 130
PortF (NID = 0Fh): UnsolResp 131
PortF (NID = 0Fh): ChSense 132
PortF (NID = 0Fh): EAPDBTLLR 132
PortF (NID = 0Fh): ConfigDefault 132
MonoOut (NID = 10h): WCap (Available only on 48-pin versions) 135
MonoOut (NID = 10h): PinCap (Available only on 48-pin versions) 136
MonoOut (NID = 10h): ConLst (Available only on 48-pin versions) 137
MonoOut (NID = 10h): ConLstEntry0 (Available only on 48-pin versions) 138
MonoOut (NID = 10h): PwrState (Available only on 48-pin versions) 138
MonoOut (NID = 10h): PinWCntrl (Available only on 48-pin versions) 139
MonoOut (NID = 10h): UnsolResp (Available only on 48-pin versions) 140
MonoOut (NID = 10h): ChSense (Available only on 48-pin versions) 140
MonoOut (NID = 10h): ConfigDefault (Available only on 48-pin versions) 141
DMic0 (NID = 11h): WCap 143
DMic0 (NID = 11h): PinCap 145
DMic0 (NID = 11h): InAmpLeft 146


Numéro de pièce similaire - 92HD66B

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
92HD66C IDT-92HD66C Datasheet
3Mb / 291P
   SIX CHANNEL HD AUDIO CODECS
More results

Description similaire - 92HD66B

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
92HD66C IDT-92HD66C Datasheet
3Mb / 291P
   SIX CHANNEL HD AUDIO CODECS
92HD65C IDT-92HD65C Datasheet
3Mb / 268P
   SIX CHANNEL HD AUDIO CODECS
logo
STMicroelectronics
STV6437 STMICROELECTRONICS-STV6437 Datasheet
101Kb / 4P
   Audio/video buffer and four-channel SD/PS/HD video filter
logo
Davicom Semiconductor, ...
DM5865 DAVICOM-DM5865 Datasheet
68Kb / 3P
   4-Channel 720H Video Decoders and Audio Codecs
DM5866 DAVICOM-DM5866 Datasheet
66Kb / 3P
   4-Channel 960H Video Decoders and Audio Codecs
DM5885 DAVICOM-DM5885 Datasheet
71Kb / 3P
   4-Channel Video Decoders and Mixer and Audio Codecs
logo
Renesas Technology Corp
TW2815 RENESAS-TW2815 Datasheet
2Mb / 82P
   4-Channel Video Decoders and Audio Codecs for Security Applications
May 19, 2017
TW2867C RENESAS-TW2867C Datasheet
4Mb / 138P
   4-Channel Video Decoders and Audio Codecs For Security Applications
February 9, 2012
logo
Texas Instruments
TAS5548 TI1-TAS5548 Datasheet
1Mb / 116P
[Old version datasheet]   8-Channel HD Compatible Audio Processor
TAS5558 TI1-TAS5558 Datasheet
1Mb / 121P
[Old version datasheet]   8-Channel HD Compatible Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com