Moteur de recherche de fiches techniques de composants électroniques |
|
9DB106BFLF Fiches technique(PDF) 6 Page - Integrated Device Technology |
|
9DB106BFLF Fiches technique(HTML) 6 Page - Integrated Device Technology |
6 / 14 page IDT® Six Output Differential Buffer for PCIe Gen 2 9DB106 REV K 04/20/11 9DB106 Six Output Differential Buffer for PCIe Gen 2 6 Electrical Characteristics - PCIEX 0.7V Current Mode Differential Outputs TA = TCOM or TIND; VDD = 3.3 V +/-5%; CL =2pF, RS=33.2 , RP=49.9 , IREF = 475 PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS NOTES Current Source Output Impedance Zo 1 VO = Vx 3000 < 1 Voltage High VHigh 660 850 1,3 Voltage Low VLow -150 150 1,3 Max Voltage Vovs 1150 1,3 Min Voltage Vuds -300 1,3 Crossing Voltage (abs) Vcross(abs) 250 550 mV 1,3 Crossing Voltage (var) d-Vcross Variation of crossing over all edges 140 mV 1,3 Long Accuracy ppm see Tperiod min-max values 0 ppm 1,2 100.00MHz nominal 9.9970 10.0030 ns 2 100.00MHz spread 9.9970 10.0533 ns 2 Absolute min period Tabsmin 100.00MHz nominal/spread 9.8720 ns 1,2 Rise Time tr VOL = 0.175V, VOH = 0.525V 175 700 ps 1 Fall Time tf VOH = 0.525V VOL = 0.175V 175 700 ps 1 Rise Time Variation d-tr 125 ps 1 Fall Time Variation d-tf 125 ps 1 tpd PLL Mode. 0 150 ps 1 tpdbyp Bypass mode 3.7 4.2 ns 1 Duty Cycle dt3 Measurement from differential wavefrom 45 55 % 1 Output-to-Output Skew tsk3 VT = 50% 40 50 ps 1 PLL mode, Measurement from differential wavefrom 35 50 ps 1 BYPASS mode as additive jitter 35 50 ps 1 1Guaranteed by design and characterization, not 100% tested in production. 3I REF = VDD/(3xRR). For RR = 475 (1%), IREF = 2.32mA. IOH = 6 x IREF and VOH = 0.7V @ ZO=50 . 2 The 9DB106 does not add a ppm error to the input clock. Jitter, Cycle to cycle tjcyc-cyc Average period Tperiod Input to Output Delay Statistical measurement on single ended signal using oscilloscope math function. mV Measurement on single ended signal using absolute value. mV |
Numéro de pièce similaire - 9DB106BFLF |
|
Description similaire - 9DB106BFLF |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |