Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5246B Fiches technique(PDF) 2 Page - Rugao Dachang Electronics Co., Ltd

No de pièce 1N5246B
Description  High stability and high reliability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DACHANG [Rugao Dachang Electronics Co., Ltd]
Site Internet  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

1N5246B Fiches technique(HTML) 2 Page - Rugao Dachang Electronics Co., Ltd

  1N5246B Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd 1N5246B Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIYU R
型号
Type
稳压范围
Zener Voltage
测试条件
Test condition
反向特性
Reverese Current
动态电阻
Dynamic Resistance
VZ(V)
IZ(mA)
最小值MIN. 最大值MAX.
IR(μA)
测试条件
Test condition
VR(V)
rd(Ω)
最大值 MAX.
最大值 MAX.
IZ(mA)
测试条件
Test condition
额定值Nom.
1N5239B
1N5240B
1N5241B
1N5242B
1N5243B
1N5244B
1N5245B
1N5246B
1N5247B
1N5248B
1N5249B
1N5250B
1N5251B
1N5252B
1N5253B
1N5254B
1N5255B
1N5256B
38.0
9.9
14
8.65
9.55
9.50
10.50
10.45
11.55
11.40
12.60
12.35
13.65
13.30
14.70
14.25
15.75
15.20
16.80
16.15
18.90
17.10
19.95
18.05
21.00
19.00
20.90
22.80
23.75
0.1
12
18
3
2
1
0.1
7.0
8.4
9.1
10
11
13
14
15
17
19
25.20
26.25
23.10
17.85
7.8
7.4
9.0
8.5
20
9.5
20
20
6.2
5.6
7.0
6.6
5.2
5.0
20
25.65
28.35
26.60
29.40
28.50
31.50
21
21
23
4.5
4.2
4.6
0.1
0.1
0.1
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
10
17
13
23
17
33
22
30
15
16
19
21
25
29
35
44
41
49
0.1
0.1
0.1
0.1
0.1
0.1
0.5
0.1
0.1
1N5257B
31.35
34.65
25
3.8
0.1
33
58
1N5258B
36
34.20
37.80
3.4
0.1
27
70
7.8
7.4
9.0
8.5
20
9.5
20
20
6.2
5.6
7.0
6.6
5.2
5.0
20
4.5
4.2
4.6
3.8
3.4
1N52 Series
大昌电子
DACHANG ELECTRONICS
1N5259B
1N5260B
1N5261B
1N5262B
1N5263B
1N5264B
1N5265B
1N5266B
1N5267B
33
40.95
37.05
45.15
40.85
49.35
44.65
48.45
53.20
57.0
0.1
43
0.1
30
36
39
46
58.80
63.0
53.55
2.7
2.5
3.2
3.0
2.2
2.1
58.9
65.1
64.6
71.4
71.25
78.75
52
47
56
1.8
1.7
2.0
0.1
0.1
0.1
39
43
47
51
56
60
62
68
75
93
150
80
150
125
170
230
185
270
0.1
0.1
0.1
0.1
2.7
2.5
3.2
3.0
2.2
2.1
1.8
1.7
2.0


Numéro de pièce similaire - 1N5246B

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
1N5246B VISHAY-1N5246B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5246B MCC-1N5246B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Tiger Electronic Co.,Lt...
1N5246B TGS-1N5246B Datasheet
264Kb / 3P
   Zener diode
logo
Tak Cheong Electronics ...
1N5246B TAK_CHEONG-1N5246B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
1N5246B VISHAY-1N5246B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
More results

Description similaire - 1N5246B

FabricantNo de pièceFiches techniqueDescription
logo
MERITEK ELECTRONICS COR...
MSK MERITEK-MSK Datasheet
860Kb / 5P
   High reliability and stability.
logo
Rugao Dachang Electroni...
1N47 DACHANG-1N47 Datasheet
121Kb / 2P
   High stability and high reliability
logo
WALSIN TECHNOLOGY CORPO...
MA04X WALSIN-MA04X Datasheet
237Kb / 8P
   High reliability and stability
S242N100J502CT WALSIN-S242N100J502CT Datasheet
1Mb / 11P
   High reliability and stability
S342N100J252CT WALSIN-S342N100J252CT Datasheet
1Mb / 11P
   High reliability and stability
SA04X WALSIN-SA04X Datasheet
234Kb / 8P
   High reliability and stability
MF12E WALSIN-MF12E Datasheet
763Kb / 10P
   High reliability and stability
SA04Y WALSIN-SA04Y Datasheet
467Kb / 8P
   High reliability and stability
logo
Ohmite Mfg. Co.
RES-METAL-DEVIL OHMITE-RES-METAL-DEVIL Datasheet
173Kb / 2P
   High Stability, Reliability
logo
Vishay Siliconix
SM5S10AT VISHAY-SM5S10AT Datasheet
113Kb / 5P
   High Temperature Stability and High Reliability Conditions
Revision: 03-Jul-15
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com