Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC78T08CT Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MC78T08CT
Description  THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC78T08CT Fiches technique(HTML) 3 Page - Motorola, Inc

  MC78T08CT Datasheet HTML 1Page - Motorola, Inc MC78T08CT Datasheet HTML 2Page - Motorola, Inc MC78T08CT Datasheet HTML 3Page - Motorola, Inc MC78T08CT Datasheet HTML 4Page - Motorola, Inc MC78T08CT Datasheet HTML 5Page - Motorola, Inc MC78T08CT Datasheet HTML 6Page - Motorola, Inc MC78T08CT Datasheet HTML 7Page - Motorola, Inc MC78T08CT Datasheet HTML 8Page - Motorola, Inc MC78T08CT Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC78T00 Series
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (Vin = 13 V, IO = 3.0 A, 0°C ≤ TJ ≤ 125°C, PO ≤ Pmax [Note 1], unless otherwise noted.)
MC78T08C
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage
(5.0 mA
≤ IO ≤ 3.0 A, TJ = +25°C)
(5.0 mA
≤ IO ≤ 3.0 A;
5.0 mA
≤ IO ≤ 2.0 A, 10.4 Vdc ≤ Vin ≤ 23 Vdc)
VO
7.7
7.6
8.0
8.0
8.3
8.4
Vdc
Line Regulation (Note 2)
(10.3 Vdc
≤ Vin ≤ 35 Vdc, IO = 5.0 mA, TJ = +25°C
10.3 Vdc
≤ Vin ≤ 35 Vdc, IO = 1.0 A, TJ = +25°C
11 Vdc
≤ Vin ≤ 17 Vdc, IO = 3.0 A, TJ = +25°C
10.7 Vdc
≤ Vin ≤ 23 Vdc, IO = 1.0 A)
Regline
4.0
35
mV
Load Regulation (Note 2)
(5.0 mA
≤ IO ≤ 3.0 A, TJ = +25°C)
(5.0 mA
≤ IO ≤ 3.0 A)
Regload
10
15
30
80
mV
Thermal Regulation
(Pulse = 10 ms, P = 20 W, TA = +25°C)
Regtherm
0.002
0.03
%VO/W
Quiescent Current
(5.0 mA
≤ IO ≤ 3.0 A, TJ = +25°C)
(5.0 mA
≤ IO ≤ 3.0 A)
IB
3.5
4.0
5.0
6.0
mA
Quiescent Current Change
(10.3 Vdc
≤ Vin ≤ 35 Vdc, IO = 5.0 mA, TJ = +25°C;
5.0 mA
≤ IO ≤ 3.0 A, TJ = +25°C;
10.7 Vdc
≤ Vin ≤ 23 Vdc, IO = 1.0 A)
∆IB
0.3
1.0
mA
Ripple Rejection
(11 Vdc
≤ Vin ≤ 21 Vdc, f = 120 Hz, IO = 2.0 A, TJ = 25°C)
RR
60
71
dB
Dropout Voltage (IO = 3.0 A, TJ = +25°C)
Vin–VO
2.2
2.5
Vdc
Output Noise Voltage
(10 Hz
≤ f ≤ 100 kHz, TJ = +25°C)
Vn
10
µV/VO
Output Resistance (f = 1.0 kHz)
RO
2.0
m
Short Circuit Current Limit
(Vin = 35 Vdc, TJ = +25°C)
ISC
1.5
A
Peak Output Current (TJ = +25°C)
Imax
5.0
A
Average Temperature Coefficient of Output Voltage (IO = 5.0 mA)
TCVO
0.3
mV/
°C
NOTES: 1. Although power dissipation is internally limited, specifications apply only for PO ≤ Pmax, Pmax = 25 W.
2. Line and load regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately.
Pulse testing with low duty cycle is used.


Numéro de pièce similaire - MC78T08CT

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC78T08CT ONSEMI-MC78T08CT Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
MC78T08CT ONSEMI-MC78T08CT Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
More results

Description similaire - MC78T08CT

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Thinki Semiconductor Co...
78M05 THINKISEMI-78M05 Datasheet
345Kb / 7P
   1 Ampere Surface Mount Positive Three Terminal Voltage Regulators
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com