Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54519RTE Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPS54519RTE
Description  2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54519RTE Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS54519RTE Datasheet HTML 5Page - Texas Instruments TPS54519RTE Datasheet HTML 6Page - Texas Instruments TPS54519RTE Datasheet HTML 7Page - Texas Instruments TPS54519RTE Datasheet HTML 8Page - Texas Instruments TPS54519RTE Datasheet HTML 9Page - Texas Instruments TPS54519RTE Datasheet HTML 10Page - Texas Instruments TPS54519RTE Datasheet HTML 11Page - Texas Instruments TPS54519RTE Datasheet HTML 12Page - Texas Instruments TPS54519RTE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
88
90
92
94
96
98
100
102
104
106
108
110
112
Vsense (Good) Falling
Vsense (Fault) Rising
Vsense (Fault) Rising
Vsense (Good) Falling
-40
-10
20
50
80
110
140
T - Junction Temperature - °C
J
TPS54519
www.ti.com
SLVSAT3
– SEPTEMBER 2011
TYPICAL CHARACTERISTICS CURVES (continued)
PWRGD THRESHOLD vs TEMPERATURE
Figure 15.
OVERVIEW
The TPS54519 is a 6-V, 5-A, synchronous step-down (buck) converter with two integrated n-channel MOSFETs.
To improve performance during line and load transients the device implements a constant frequency, peak
current mode control which reduces output capacitance and simplifies external frequency compensation design.
The wide switching frequency of 200 kHz to 2000 kHz allows for efficiency and size optimization when selecting
the output filter components. The switching frequency is adjusted using a resistor to ground on the RT pin.
The TPS54519 has a typical default start up voltage of 2.6 V. The EN pin has an internal pull-up current source
that can be used to adjust the input voltage under voltage lockout (UVLO) with two external resistors. In addition,
the pull up current provides a default condition when the EN pin is floating for the device to operate. The total
operating current for the TPS54519 is 455
μA when not switching and under no load. When the device is
disabled, the supply current is less than 5
μA.
The integrated 30 m
Ω MOSFETs allow for high efficiency power supply designs with continuous output currents
up to 5 amperes.
The TPS54519 reduces the external component count by integrating the boot recharge diode. The bias voltage
for the integrated high side MOSFET is supplied by a capacitor on the BOOT to PH pin. The boot capacitor
voltage is monitored by an UVLO circuit and turns off the high side MOSFET when the voltage falls below a
preset threshold. This BOOT circuit allows the TPS54519 to operate approaching 100%. The output voltage can
be stepped down to as low as the 0.6 V reference.
The TPS54519 has a power good comparator (PWRGD) with 2% hysteresis.
The TPS54519 minimizes excessive output overvoltage transients by taking advantage of the overvoltage power
good comparator. When the regulated output voltage is greater than 107% of the nominal voltage, the
overvoltage comparator is activated, and the high side MOSFET is turned off and masked from turning on until
the output voltage is lower than 105%.
The SS/TR pin is used to minimize inrush currents or provide power supply sequencing during power up. A small
value capacitor should be coupled to the pin for slow start. The SS/TR pin is discharged before the output power
up to ensure a repeatable restart after an over-temperature fault, UVLO fault or disabled condition.
The use of a frequency foldback circuit reduces the switching frequency during startup and over current fault
conditions to help limit the inductor current.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS54519


Numéro de pièce similaire - TPS54519RTE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54519RTE TI1-TPS54519RTE Datasheet
268Kb / 17P
[Old version datasheet]   TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
TPS54519RTER TI-TPS54519RTER Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519RTET TI-TPS54519RTET Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
More results

Description similaire - TPS54519RTE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54519RTER TI-TPS54519RTER Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI-TPS54519_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54719 TI-TPS54719_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com