Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2065C Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2065C
Description  Current-Limited, Power-Distribution Switches
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2065C Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS2065C Datasheet HTML 7Page - Texas Instruments TPS2065C Datasheet HTML 8Page - Texas Instruments TPS2065C Datasheet HTML 9Page - Texas Instruments TPS2065C Datasheet HTML 10Page - Texas Instruments TPS2065C Datasheet HTML 11Page - Texas Instruments TPS2065C Datasheet HTML 12Page - Texas Instruments TPS2065C Datasheet HTML 13Page - Texas Instruments TPS2065C Datasheet HTML 14Page - Texas Instruments TPS2065C Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
−40
−20
0
20
40
60
80
100
120
140
Junction Temperature (°C)
Input Voltage = 5.5 V
G023
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
4.00
4.25
4.50
4.75
5.00
5.25
5.50
−40°C and 25°C
85°C
125°C
Input Voltage (V)
All Unit Types
G024
−0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
4.00
4.25
4.50
4.75
5.00
5.25
5.50
−40°C
25°C
85°C
125°C
Output Voltage (V)
All unit types, VIN = 0 V
G025
50
55
60
65
70
75
80
−40
−20
0
20
40
60
80
100
120
140
Junction Temperature (°C)
All Unit Types, VIN = 5.5 V
G026
40
45
50
55
60
65
70
75
80
4.00
4.25
4.50
4.75
5.00
5.25
5.50
−40°C
25°C
85°C
125°C
Input Voltage (V)
G027
0.325
0.350
0.375
0.400
0.425
0.450
0.475
−40
−20
0
20
40
60
80
100
120
140
0.5-A and 1-A Rated, VIN = 5 V
1.5-A and 2-A Rated, VIN = 5 V
1.5-A and 2-A Rated, VIN = 4.5 V
1.5-A and 2-A Rated, VIN = 5.5 V
Junction Temperature (°C)
COUT = 1 µF, RLOAD = 100 Ω
G028
TPS20xxC
www.ti.com
SLVSAU6C
– JUNE 2011 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS (continued)
Figure 31. Disabled Supply Current (ISD) vs Temperature
Figure 32. Disabled Supply Current (ISD) vs Input Voltage
Figure 33. Reverse Leakage Current (IREV) vs Output
Figure 34. Enabled Supply Current (ISE) vs Temperature
Voltage
Figure 35. Enabled Supply Current (ISE) vs Input Voltage
Figure 36. Output Fall Time (tF) vs Temperature
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS20xxC


Numéro de pièce similaire - TPS2065C

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2065C TI1-TPS2065C Datasheet
1Mb / 26P
[Old version datasheet]   Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
TPS2065C-2 TI1-TPS2065C-2 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2065CDBVR TI1-TPS2065CDBVR Datasheet
1Mb / 26P
[Old version datasheet]   Current-Limited, Power-Distribution Switches Deglitched Fault Reporting
TPS2065CDBVR TI-TPS2065CDBVR Datasheet
1Mb / 32P
[Old version datasheet]   Current-Limited, Power-Distribution Switches
TPS2065CDBVR TI1-TPS2065CDBVR Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results

Description similaire - TPS2065C

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com