Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF414 Fiches technique(PDF) 1 Page - Siemens Semiconductor Group

No de pièce BF414
Description  NPN Silicon RF Transistor (For low-noise, common base VHF and FM stages)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF414 Fiches technique(HTML) 1 Page - Siemens Semiconductor Group

  BF414 Datasheet HTML 1Page - Siemens Semiconductor Group BF414 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BF 414
Semiconductor Group
1
NPN Silicon RF Transistor
BF 414
q
For low-noise, common base
VHF and FM stages
1
3
2
Maximum Ratings
Type
Ordering Code
Marking
Package1)
Pin Configuration
BF 414
Q62702-F517
TO-92
1
2
3
C
B
E
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
30
V
Collector-base voltage
VCB0
40
Emitter-base voltage
VEB0
4
Thermal Resistance
Junction - ambient
Rth JA
350
K/W
Collector current
IC
25
mA
Base current
IB
3
Total power dissipation, TA
45 ˚C
Ptot
300
mW
Junction temperature
Tj
150
˚C
Storage temperature range
Tstg
– 55 … + 150
1)
For detailed information see chapter Package Outlines.


Numéro de pièce similaire - BF414

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BF410 SIEMENS-BF410 Datasheet
54Kb / 3P
   LOW-NOISE N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTOR FOR RF APPLICATIONS
logo
NXP Semiconductors
BF410A PHILIPS-BF410A Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
December 1990
logo
Siemens Semiconductor G...
BF410A SIEMENS-BF410A Datasheet
54Kb / 3P
   LOW-NOISE N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTOR FOR RF APPLICATIONS
logo
NXP Semiconductors
BF410B PHILIPS-BF410B Datasheet
36Kb / 6P
   N-channel silicon field-effect transistors
December 1990
logo
Siemens Semiconductor G...
BF410B SIEMENS-BF410B Datasheet
54Kb / 3P
   LOW-NOISE N-CHANNEL JUNCTION FIELD-EFFECT TRANSISTOR FOR RF APPLICATIONS
More results

Description similaire - BF414

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BF506 SIEMENS-BF506 Datasheet
13Kb / 2P
   PNP Silicon RF Transistor (For VHF mixer and oscillator stages)
logo
NTE Electronics
NTE313 NTE-NTE313 Datasheet
18Kb / 2P
   Silicon NPN Transistor High Gain, Low Noise, VHF Mixer and VHF/RF Amp
logo
Siemens Semiconductor G...
BFX55 SIEMENS-BFX55 Datasheet
125Kb / 5P
   NPN SILICON TRANSISTOR FOR VHF OUTPUT STAGES IN BROADBAND AMPLIFIERS
BF550 SIEMENS-BF550 Datasheet
92Kb / 5P
   PNP Silicon RF Transistor (For common emitter amplifier stages up to 300 MHz For mixer applications in AM/FM radios and VHF TV tuners)
logo
NTE Electronics
NTE2401 NTE-NTE2401 Datasheet
22Kb / 2P
   Silicon PNP Transistor RF Stages in FM Front Ends
logo
Advanced Semiconductor
ALN68135 ASI-ALN68135 Datasheet
21Kb / 1P
   NPN SILICON LOW NOISE RF TRANSISTOR
ALN64535 ASI-ALN64535 Datasheet
21Kb / 1P
   NPN SILICON LOW NOISE RF TRANSISTOR
NE64535 ASI-NE64535 Datasheet
18Kb / 2P
   NPN SILICON LOW NOISE RF TRANSISTOR
logo
Siemens Semiconductor G...
BFG135A SIEMENS-BFG135A Datasheet
49Kb / 6P
   NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications)
BFG235 SIEMENS-BFG235 Datasheet
48Kb / 6P
   NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com