Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCX53 Fiches technique(PDF) 5 Page - Siemens Semiconductor Group

No de pièce BCX53
Description  PNP Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX53 Fiches technique(HTML) 5 Page - Siemens Semiconductor Group

  BCX53 Datasheet HTML 1Page - Siemens Semiconductor Group BCX53 Datasheet HTML 2Page - Siemens Semiconductor Group BCX53 Datasheet HTML 3Page - Siemens Semiconductor Group BCX53 Datasheet HTML 4Page - Siemens Semiconductor Group BCX53 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BCX 51 ... BCX 53
Semiconductor Group
5
DC current gain hFE = f (IC)
VCE = 2 V
Collector cutoff current ICB0 = f (TA)
VCB = 30 V
Collector-emitter saturation voltage
IC = f (VCEsat)
hFE = 10
Base-emitter saturation voltage
IC = f (VBEsat)
hFE = 10


Numéro de pièce similaire - BCX53

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BCX53 PHILIPS-BCX53 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Nexperia B.V. All right...
BCX53 NEXPERIA-BCX53 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9 - 19 October 2011
logo
WILLAS ELECTRONIC CORP
BCX53 WILLAS-BCX53 Datasheet
501Kb / 3P
   SOT-89 Plastic-Encapsulate Transistors
logo
Foshan Blue Rocket Elec...
BCX53 FOSHAN-BCX53 Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-89 Plastic Package
logo
Central Semiconductor C...
BCX53 CENTRAL-BCX53 Datasheet
103Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
More results

Description similaire - BCX53

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com