Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCX71K Fiches technique(PDF) 4 Page - Siemens Semiconductor Group

No de pièce BCX71K
Description  PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX71K Fiches technique(HTML) 4 Page - Siemens Semiconductor Group

  BCX71K Datasheet HTML 1Page - Siemens Semiconductor Group BCX71K Datasheet HTML 2Page - Siemens Semiconductor Group BCX71K Datasheet HTML 3Page - Siemens Semiconductor Group BCX71K Datasheet HTML 4Page - Siemens Semiconductor Group BCX71K Datasheet HTML 5Page - Siemens Semiconductor Group BCX71K Datasheet HTML 6Page - Siemens Semiconductor Group BCX71K Datasheet HTML 7Page - Siemens Semiconductor Group BCX71K Datasheet HTML 8Page - Siemens Semiconductor Group BCX71K Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BCW 61
BCX 71
Semiconductor Group
4
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
Parameter
Symbol
min.
typ.
max.
V
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 0.25 mA
IC = 50 mA, IB = 1.25 mA
VCEsat
0.12
0.20
0.25
0.55
Base-emitter saturation voltage1)
IC = 10 mA, IB = 0.25 mA
IC = 50 mA, IB = 1.25 mA
VBEsat
0.70
0.83
0.85
1.05
Base-emitter voltage 1)
IC = 10
µA, VCE = 5 V
IC = 2 mA, VCE = 5 V
IC = 50 mA, VCE = 1 V
VBE (on)
0.55
0.52
0.65
0.78
0.75
DC characteristics
MHz
Transition frequency
IC = 20 mA, VCE = 5 V, f = 100 MHz
fT
250
AC characteristics
pF
Output capacitance
VCB = 10 V, f = 1 MHz
Cobo
–3–
Input capacitance
VCB = 0.5 V, f = 1 MHz
Cibo
–8–
k
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz
BCW 61 A, BCX 71 G
BCW 61 B, BCX 71 H
BCW 61 FF, BCW 61 C, BCX 71 J
BCW 61 FN, BCW 61 D, BCX 71 K
h11e
2.7
3.6
4.5
7.5
10–4
Open-circuit reverse voltage transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
BCW 61 A, BCX 71 G
BCW 61 B, BCX 71 H
BCW 61 FF, BCW 61 C, BCX 71 J
BCW 61 FN, BCW 61 D, BCX 71 K
h12e
1.5
2.0
2.0
3.0
1)
Pulse test: t
300 µs, D 2%.


Numéro de pièce similaire - BCX71K

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BCX71K PHILIPS-BCX71K Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
logo
Continental Device Indi...
BCX71K CDIL-BCX71K Datasheet
88Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Samsung semiconductor
BCX71K SAMSUNG-BCX71K Datasheet
31Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Guangdong Kexin Industr...
BCX71K KEXIN-BCX71K Datasheet
1Mb / 2P
   PNP Transistors
logo
Fairchild Semiconductor
BCX71K FAIRCHILD-BCX71K Datasheet
31Kb / 2P
   PNP EPITAXIAL SILICON TRANSISTOR
More results

Description similaire - BCX71K

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCW67BCW68 SIEMENS-BCW67BCW68 Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BC847AE6327 INFINEON-BC847AE6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com