Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BCX13 Datasheet(Fiches technique) 4 Page - Siemens Semiconductor Group

Numéro de pièce BCX13
Description  PNP Silicon AF Switching Transistor (For general AF applications High breakdown voltage)
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX13 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BCX13 Datenblatt HTML 1Page - Siemens Semiconductor Group BCX13 Datenblatt HTML 2Page - Siemens Semiconductor Group BCX13 Datenblatt HTML 3Page - Siemens Semiconductor Group BCX13 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
BCX 13
DC current gain hFE = f (IC)
VCE =1 V
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 10
Transition frequency fT = f (IC)
f = 20 MHz, VCE = 5 V, TA = 25 ˚C
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 10


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BCX12NPN Silicon AF Switching Transistor For general AF applications High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
BCX42PNP Silicon AF and Switching Transistors For general AF applications High breakdown voltage 1 2 3 4 Siemens Semiconductor Group
NSS35200CF8T1GHigh Current Surface Mount PNP Silicon Low VCE-SAT Switching Transistor for Load Management in Portable Applications 1 2 3 4 5 MoreON Semiconductor
BC807-16WPNP Silicon AF Transistor For general AF applications High collector current High current gain 1 2 3 4 5 Siemens Semiconductor Group
MBT35200MT1High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications 1 2 3 4 5 MoreON Semiconductor
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
2N5400PNP Silicon Expitaxial Planar Transistor for general purpose high voltage amplifier applications   1 2 Semtech Corporation
BC856SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC857SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
KTA1862DEPITAXIAL PLANAR PNP TRANSISTOR HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES 1 2 3 KEC(Korea Electronics)

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn