Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1112D125 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce ADC1112D125
Description  Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC1112D125 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button ADC1112D125 Datasheet HTML 3Page - NXP Semiconductors ADC1112D125 Datasheet HTML 4Page - NXP Semiconductors ADC1112D125 Datasheet HTML 5Page - NXP Semiconductors ADC1112D125 Datasheet HTML 6Page - NXP Semiconductors ADC1112D125 Datasheet HTML 7Page - NXP Semiconductors ADC1112D125 Datasheet HTML 8Page - NXP Semiconductors ADC1112D125 Datasheet HTML 9Page - NXP Semiconductors ADC1112D125 Datasheet HTML 10Page - NXP Semiconductors ADC1112D125 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
ADC1112D125
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 3 March 2011
7 of 41
NXP Semiconductors
ADC1112D125
Dual 11-bit ADC: CMOS or LVDS DDR digital outputs
7.
Limiting values
8.
Thermal characteristics
[1]
Value for six layers board in still air with a minimum of 64 thermal vias.
9.
Static characteristics
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VO
output voltage
pins DA10 to DA0 and
DB10 to DB0 or pins
DA9_DA10_P to LOW_DA0_P,
DA9_DA10_M to LOW_DA0_M,
DB9_DB10_P to LOW_DB0_P
and
DB9_DB10_M to LOW_DB0_M
−0.4
+3.9
V
VDDA
analog supply
voltage
−0.4
+3.9
V
VDDO
output supply voltage
−0.4
+3.9
V
Tstg
storage temperature
−55
+125
°C
Tamb
ambient temperature
−40
+85
°C
Tj
junction temperature
-
125
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
[1] 15.6
K/W
Rth(j-c)
thermal resistance from junction to case
[1] 6.3
K/W
Table 6.
Static characteristics[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDDA
analog supply voltage
2.85
3.0
3.4
V
VDDO
output supply voltage
CMOS mode
1.65
1.8
3.6
V
LVDS DDR mode
2.85
3.0
3.6
V
IDDA
analog supply current
fclk =125 Msps; fi =70MHz
-
400
-
mA
IDDO
output supply current
CMOS mode; fclk =125 Msps;
fi =70MHz
-16
-
mA
LVDS DDR mode:
fclk =125 Msps; fi =70MHz
-82
-
mA
P
power dissipation
ADC1112D125;
analog supply only
-
1230
-
mW
Power-down mode
-
24
-
mW
Sleep mode
-
80
-
mW


Numéro de pièce similaire - ADC1112D125

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ADC1112D125 IDT-ADC1112D125 Datasheet
601Kb / 39P
   Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1112D125 RENESAS-ADC1112D125 Datasheet
604Kb / 39P
   Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1112D125HN-C1 IDT-ADC1112D125HN-C1 Datasheet
601Kb / 39P
   Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
More results

Description similaire - ADC1112D125

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ADC1112D125 RENESAS-ADC1112D125 Datasheet
604Kb / 39P
   Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
2 July 2012
logo
Integrated Device Techn...
ADC1112D125 IDT-ADC1112D125 Datasheet
601Kb / 39P
   Dual 11-bit ADC; CMOS or LVDS DDR digital outputs
ADC1115S125 IDT-ADC1115S125 Datasheet
373Kb / 36P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1115S125 NXP-ADC1115S125 Datasheet
278Kb / 35P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
logo
Renesas Technology Corp
ADC1115S125 RENESAS-ADC1115S125 Datasheet
376Kb / 36P
   Single 11-bit ADC; 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1610S125 NXP-ADC1610S125 Datasheet
182Kb / 33P
   Single 16-bit ADC 125 Msps CMOS or LVDS DDR digital outputs
Rev. 01-28 May 2009
ADC1412D065 NXP-ADC1412D065 Datasheet
295Kb / 37P
   Dual 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
logo
Texas Instruments
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
[Old version datasheet]   Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
logo
NXP Semiconductors
ADC1410S065 NXP-ADC1410S065 Datasheet
287Kb / 35P
   Single 14-bit ADC 65, 80, 105 or 125 Msps CMOS or LVDS DDR digital outputs
Rev. 02-4 June 2009
logo
Integrated Device Techn...
ADC1212D IDT-ADC1212D Datasheet
668Kb / 40P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com