Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS6001BIG325TP Fiches technique(PDF) 10 Page - Touchstone Semiconductor Inc

No de pièce TS6001BIG325TP
Description  A 7ppm/ oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOUCHSTONE [Touchstone Semiconductor Inc]
Site Internet  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS6001BIG325TP Fiches technique(HTML) 10 Page - Touchstone Semiconductor Inc

Back Button TS6001BIG325TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 9Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 10Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 11Page - Touchstone Semiconductor Inc TS6001BIG325TP Datasheet HTML 12Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TS6001
Page 10
TS6001DS r1p0
RTFDS
For example, if VSY is 0V, then the upper input
supply voltage level for the circuit is 35V. With a
2.1kΩ load and the TS6001’s supply current of 35µA
(max), this circuit supplies approximately a 1.23-mA
current to the load.
In many current source applications, the possibility
of
an
output
short-circuit
condition
-
whether
transient or sustained - exists. It is recommended to
test thoroughly for either scenario to prevent the
possibility that the TS6001 would be exposed to a
total voltage from its IN terminal to GND terminal
higher than its absolute maximum rating of 13.5V.
Boosting the TS6001’s Output Current Drive
While the TS6001 is capable of sourcing up to
500µA with excellent load regulation, there are
applications where tight load regulation is required at
much higher output load currents. By adding a
general-purpose, industry-standard PNP transistor
and one re
sistor to the TS6001’s basic configuration
as shown in Figure 7, increasing a precision
reference’s
output
source
current
drive
is
straightforward. Using a 2N2905 PNP transistor and
a 1.5kΩ resistor, the TS6001 is able to maintain
excellent
load
regulation
while
sourcing
load
currents up to 150mA. If the application circuit is
designed to operate across a wide temperature
range, it is recommended that circuit performance is
thoroughly evaluated across
the PNP transistor’s
beta (
β, or current gain) distribution. When the PNP
transistor’s current gain is a minimum, the increase
in base current must be absorbed by the TS6001 for
a given load current. For higher output load currents,
higher output power PNP transistors can be used so
long as good thermal management techniques are
applied and transistor current-gain vs ambient
temperature behavior is evaluated.
Figure 6: Using the TS6001-2.5 in a High-Input
Voltage Floating Current Source.
Figure 7:
Boosting the TS6001’s Output Current
with an External PNP Transistor.


Numéro de pièce similaire - TS6001BIG325TP

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS6001BIG325TP TOUCHSTONE-TS6001BIG325TP Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
More results

Description similaire - TS6001BIG325TP

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS6001B TOUCHSTONE-TS6001B Datasheet
849Kb / 12P
   A 7ppm/oC, 0.08 o/o Precision 2.5V Voltage Reference in SOT23
logo
Maxim Integrated Produc...
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
logo
Zarlink Semiconductor I...
SR25D ZARLINK-SR25D Datasheet
336Kb / 5P
   2.5V PRECISION VOLTAGE REFERENCE
logo
Analog Devices
REF-03 AD-REF-03 Datasheet
282Kb / 8P
   2.5V Precision Voltage Reference
REV. C
logo
Maxim Integrated Produc...
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com