Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISLA214S50IR1Z Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISLA214S50IR1Z
Description  14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214S50IR1Z Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISLA214S50IR1Z Datasheet HTML 4Page - Intersil Corporation ISLA214S50IR1Z Datasheet HTML 5Page - Intersil Corporation ISLA214S50IR1Z Datasheet HTML 6Page - Intersil Corporation ISLA214S50IR1Z Datasheet HTML 7Page - Intersil Corporation ISLA214S50IR1Z Datasheet HTML 8Page - Intersil Corporation ISLA214S50IR1Z Datasheet HTML 9Page - Intersil Corporation ISLA214S50IR1Z Datasheet HTML 10Page - Intersil Corporation ISLA214S50IR1Z Datasheet HTML 11Page - Intersil Corporation ISLA214S50IR1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
ISLA214S50
8
FN7973.1
December 21, 2011
Largest Interleave Spur
fIN = 10MHz to 240MHz, Active
Run State enabled, in Track Mode
-99
dBc
fIN = 10MHz to 240MHz, Active
Run State enabled and previously
settled, in Hold Mode
-80
dBc
fIN = 260MHz to 490MHz, Active
Run State enabled, in Track Mode
-95
dBc
fIN = 260MHz to 490MHz, Active
Run State enabled and previously
settled, in Hold Mode
-70
dBc
Total Interleave Spurious Power
Active Run State enabled, in
Track Mode, fIN is a broadband
signal in the 1st Nyquist zone
-85
dBc
Active Run State enabled, in
Track Mode, fIN is a broadband
signal in the 2nd Nyquist zone
-75
dBc
Sample Time Mismatch Between Unit ADCs
Active Run State enabled, in
Track Mode
25
fs
Gain Mismatch Between Unit ADCs
0.02
%FS
Offset Mismatch Between Unit ADCs
1mV
I2E Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
Digital Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNITS
CMOS INPUTS
Input Current High (RESETN)
IIH
VIN = 1.8V
1
10
µA
Input Current Low (RESETN)
IIL
VIN = 0V
-25
-12
-7
µA
Input Current High (SDIO, SCL, SDA SCLK)
IIH
VIN = 1.8V
4
12
µA
Input Current Low (SDIO, SCL, SDA SCLK)
IIL
VIN = 0V
-600
-400
-300
µA
Input Current High (CSB)
IIH
VIN = 1.8V
40
52
70
µA
Input Current Low (CSB)
IIL
VIN = 0V
1
10
µA
Input Voltage High (SDIO, RESETN)
VIH
1.17
V
Input Voltage Low (SDIO, RESETN)
VIL
0.63
V
Input Current High (NAPSLP, CLKDIV) (Note 11)
IIH
19
25
30
µA
Input Current Low (NAPSLP, CLKDIV)
IIL
--30
-25
-19
µA
Input Capacitance
CDI
4pF
LVDS INPUTS (SYNCP, SYNCN)
Input Common Mode Range
VICM
825
1575
mV
Input Differential Swing (peak-to-peak, single-ended)
VID
250
450
mV
Input Pull-up and Pull-down Resistance
RIpu
100
kΩ
CML OUTPUTS
Output Common Mode Voltage
1.14
mV


Numéro de pièce similaire - ISLA214S50IR1Z

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISLA214S50IR1Z RENESAS-ISLA214S50IR1Z Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
More results

Description similaire - ISLA214S50IR1Z

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com