Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISLA224S Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISLA224S
Description  Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224S Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISLA224S Datasheet HTML 5Page - Intersil Corporation ISLA224S Datasheet HTML 6Page - Intersil Corporation ISLA224S Datasheet HTML 7Page - Intersil Corporation ISLA224S Datasheet HTML 8Page - Intersil Corporation ISLA224S Datasheet HTML 9Page - Intersil Corporation ISLA224S Datasheet HTML 10Page - Intersil Corporation ISLA224S Datasheet HTML 11Page - Intersil Corporation ISLA224S Datasheet HTML 12Page - Intersil Corporation ISLA224S Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
ISLA224S
9
FN7911.0
December 20, 2011
CML Outputs
Output Rise Time
tR
165
ps
Output Fall Time
tF
145
ps
Data Output Duty Cycle
50
%
Differential Output Resistance
100
Differential Output Voltage (Note 13)
760
mVP-P
SPI INTERFACE (Notes 14, 15)
SCLK Period
t
CLK
Write Operation
7
cycles
tCLK
Read Operation
16
cycles
CSB
↓ to SCLK↑ Setup Time
tS
Read or Write
2
cycles
CSB
↑ after SCLK↑ Hold Time
tH
Read or Write
5
cycles
Data Valid to SCLK
↑ Setup Time
tDS
Read or Write
6
cycles
Data Valid after SCLK
↑ Hold Time
tDH
Read or Write
4
cycles
Data Valid after SCLK
↓ Time
tDVR
Read
4
cycles
NOTES:
11. The Tri-Level Inputs internal switching thresholds are approximately. 0.43V and 1.34V. It is advised to float the inputs, tie to ground or AVDD depending
on desired function.
12. The synchronous clock divider reset function is available as a (SPI-programmable) overload on the SYNC input.
13. The voltage is expressed in peak-to-peak differential swing. The peak-to-peak single-ended swing is 1/2 of the differential swing.
14. The SPI interface timing is directly proportional to the ADC sample period (tS). Values above reflect multiples of a 4ns sample period, and must be
scaled proportionally for lower sample rates. ADC sample clock must be running for SPI communication.
15. The SPI may operate asynchronously with respect to the ADC sample clock.
Switching Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITION
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
Typical Performance Curves
All Typical Performance Characteristics apply under the following conditions unless otherwise noted: AVDD = OVDD = 1.8V, TA = +25°C,
AIN =-2dBFS, fIN = 105MHz, fSAMPLE = 250MSPS.
FIGURE 3. SNR AND SFDR vs fIN
FIGURE 4. HD2 AND HD3 vs fIN
50
55
60
65
70
75
80
85
90
95
0
100
200
300
400
500
600
700
INPUT FREQUENCY (MHz)
SFDR AT 200 MSPS
SFDR AT 250 MSPS
SFDR AT 125 MSPS
SNR AT 250 MSPS
SNR AT 200 MSPS
SNR AT 125 MSPS
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
100
200
300
400
500
600
700
INPUT FREQUENCY (MHz)
HD2 AT 200 MSPS
HD2 AT 250 MSPS
HD2 AT 125 MSPS
HD3 AT 250 MSPS
HD3 AT 200 MSPS
HD3 AT 125 MSPS


Numéro de pièce similaire - ISLA224S

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
ISLA224S12 INTERSIL-ISLA224S12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S12 RENESAS-ISLA224S12 Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S12 RENESAS-ISLA224S12 Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results

Description similaire - ISLA224S

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com