Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL3313AF250QG Fiches technique(PDF) 1 Page - E-SWITCH

No de pièce TL3313AF250QG
Description  SUB-MINIATURE TACTILE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL3313AF250QG Fiches technique(HTML) 1 Page - E-SWITCH

  TL3313AF250QG Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES TL3313 SWITCHES
SERIES TL3313 SWITCHES
www.e-switch.com
email: info@e-switch.com
7153 NORTHLAND DRIVE NORTH
PHONE: 800-867-2717
MINNEAPOLIS, MN 55428
FAX: 763-531-8235
SUB-MINIATURE TACTILE
FEATURES & BENEFITS
Sub-miniature
APPLICATIONS / MARKETS
Computer Servers/peripherals
Performance Audio
Instrumentation
Telecommunications/networking
MECHANICAL SPECIFICATIONS
HOW TO ORDER:
ELECTRICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS
Mechanical Life:
100,000 cycles
Force:
100 +/- 50 gf; 160 +/- 50 gf; 250 +/- 50 gf
Travel:
0.25 mm +0.2 /-0.1mm
Electrical Life:
100,000 cycles
Contact Rating:
50mA @ 12VDC
Contact Resistance:
50m
Ω (initial max)
Insulation Resistance:
100M
Ω (Min @ 100VDC)
Dielectric Strength:
250VAC (1 minute)
Operating Temperature:
-20ºC to +70ºC
Storage Temperature:
-30ºC to +80ºC
CONTACT
SERIES
Q = Silver
MODEL
3313
ACTUATOR
A = 1.5mm
TERMINATION
G = Gull Wing
OPERATING
FORCE
F100 = 100 gf
F160 = 160 gf
F250 = 250 gf
TL
Example Ordering Code: TL-3313-A-F100-Q-G
Specifications subject to change without notification.


Numéro de pièce similaire - TL3313AF250QG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL331 TI-TL331 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
TL331 TI-TL331 Datasheet
161Kb / 6P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATOR
TL331 TI1-TL331 Datasheet
802Kb / 18P
[Old version datasheet]   Single Differential Comparator
TL331 TI1-TL331 Datasheet
995Kb / 21P
[Old version datasheet]   TL331B, TL391B and TL331 Single Comparators
logo
ON Semiconductor
TL331 ONSEMI-TL331 Datasheet
1Mb / 7P
   Comparator, Single Channel, Open Collector, Low Power, Wide Supply Range
May, 2018 ??Rev. 2
More results

Description similaire - TL3313AF250QG

FabricantNo de pièceFiches techniqueDescription
logo
GREATECS
STA GREATECS-STA Datasheet
167Kb / 1P
   4 x 3 mm Miniature SMT Tactile Switches
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
TS02 CUI-TS02 Datasheet
467Kb / 5P
   TACTILE SWITCH
logo
List of Unclassifed Man...
101-TS7311T1604BC-EV ETC2-101-TS7311T1604BC-EV Datasheet
149Kb / 1P
   Tactile Switches
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
   Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
   Tactile Switch
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com