Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC850B Fiches technique(PDF) 3 Page - Siemens Semiconductor Group

No de pièce BC850B
Description  NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC850B Fiches technique(HTML) 3 Page - Siemens Semiconductor Group

  BC850B Datasheet HTML 1Page - Siemens Semiconductor Group BC850B Datasheet HTML 2Page - Siemens Semiconductor Group BC850B Datasheet HTML 3Page - Siemens Semiconductor Group BC850B Datasheet HTML 4Page - Siemens Semiconductor Group BC850B Datasheet HTML 5Page - Siemens Semiconductor Group BC850B Datasheet HTML 6Page - Siemens Semiconductor Group BC850B Datasheet HTML 7Page - Siemens Semiconductor Group BC850B Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BC 846 ... BC 850
Semiconductor Group
3
Electrical Characteristics
1)Pulse test: t
300 µs, D = 2 %.
V
Collector-emitter breakdown voltage
IC = 10 mA
BC 846
BC 847, BC 850
BC 848, BC 849
V(BR)CE0
65
45
30
nA
µA
Collector cutoff current
VCB = 30 V
VCB = 30 V, TA = 150 ˚C
ICB0
15
5
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 10
µA
BC 846
BC 847, BC 850
BC 848, BC 849
V(BR)CB0
80
50
30
Emitter-base breakdown voltage
IE = 1
µA
BC 846, BC 847
BC 848, BC 849, BC 850
V(BR)EB0
6
5
mV
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
VCEsat
90
200
250
600
DC current gain
IC = 10
µA, VCE = 5 V
BC 846 A, BC 847 A, BC 848 A
BC 846 B … BC 850 B
BC 847 C, BC 848 C, BC 849 C, BC 850 C
IC = 2 mA, VCE = 5 V
BC 846 A, BC 847 A, BC 848 A
BC 846 B … BC 850 B
BC 847 C, BC 848 C, BC 849 C, BC 850 C
hFE
110
200
420
140
250
480
180
290
520
220
450
800
Base-emitter saturation voltage1)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
VBEsat
700
900
Collector-emitter breakdown voltage
IC = 10
µA, VBE = 0
BC 846
BC 847, BC 850
BC 848, BC 849
V(BR)CES
80
50
30
Base-emitter voltage
IC = 2 mA, VCE = 5 V
IC = 10 mA, VCE = 5 V
VBE(on)
580
660
700
770
at TA = 25 ˚C, unless otherwise specified.


Numéro de pièce similaire - BC850B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC850B PHILIPS-BC850B Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 08
logo
Formosa MS
BC850B FORMOSA-BC850B Datasheet
121Kb / 9P
   SMD NPN Transistor
logo
Infineon Technologies A...
BC850B INFINEON-BC850B Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
logo
Yea Shin Technology Co....
BC850B YEASHIN-BC850B Datasheet
857Kb / 5P
   General Purpose Transistors
logo
Diotec Semiconductor
BC850B DIOTEC-BC850B Datasheet
186Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Description similaire - BC850B

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com