Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC848BW Fiches technique(PDF) 2 Page - Siemens Semiconductor Group

No de pièce BC848BW
Description  NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC848BW Fiches technique(HTML) 2 Page - Siemens Semiconductor Group

  BC848BW Datasheet HTML 1Page - Siemens Semiconductor Group BC848BW Datasheet HTML 2Page - Siemens Semiconductor Group BC848BW Datasheet HTML 3Page - Siemens Semiconductor Group BC848BW Datasheet HTML 4Page - Siemens Semiconductor Group BC848BW Datasheet HTML 5Page - Siemens Semiconductor Group BC848BW Datasheet HTML 6Page - Siemens Semiconductor Group BC848BW Datasheet HTML 7Page - Siemens Semiconductor Group BC848BW Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BC 846W ... BC 850W
Semiconductor Group
2
Maximum Ratings
Description
Symbol
Unit
Collector-emitter voltage
VCEO
V
Collector-base voltage
VCBO
V
Collector-emitter voltage
VCES
V
Collector current
IC
mA
Total power dissipation, TS = 115 ˚C
Ptot
mW
Junction temperature
Tj
˚C
Storage temperature range
Tstg
–65 to 150
˚C
Thermal Resistance
Junction - ambient1)
Rth JA
240
K/W
Emitter-base voltage
VEBO
V
Collector peak current
ICM
mA
100
66
5
250
150
80
50
30
200
BC846W
BC 847 W
BC 849 W BC 848 W
BC 840 W
Junction - soldering point
Rth JS
105
K/W
65
45
30
80
50
30
1)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/1 cm2 Cu.


Numéro de pièce similaire - BC848BW

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
Diotec Semiconductor
BC848BW DIOTEC-BC848BW Datasheet
98Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
logo
Diodes Incorporated
BC848BW DIODES-BC848BW Datasheet
47Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30250 Rev. 3 - 2
logo
Taiwan Semiconductor Co...
BC848BW TSC-BC848BW Datasheet
334Kb / 5P
   NPN Transistor
logo
Infineon Technologies A...
BC848BW INFINEON-BC848BW Datasheet
229Kb / 8P
   NPN Silicon AF Transistors
Dec-11-2001
More results

Description similaire - BC848BW

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BC847PN SIEMENS-BC847PN Datasheet
229Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856S SIEMENS-BC856S Datasheet
42Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC857S SIEMENS-BC857S Datasheet
159Kb / 6P
   PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com