Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BC856W-BC860W Fiches technique(PDF) 5 Page - Siemens Semiconductor Group

No de pièce BC856W-BC860W
Description  PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC856W-BC860W Fiches technique(HTML) 5 Page - Siemens Semiconductor Group

  BC856W-BC860W Datasheet HTML 1Page - Siemens Semiconductor Group BC856W-BC860W Datasheet HTML 2Page - Siemens Semiconductor Group BC856W-BC860W Datasheet HTML 3Page - Siemens Semiconductor Group BC856W-BC860W Datasheet HTML 4Page - Siemens Semiconductor Group BC856W-BC860W Datasheet HTML 5Page - Siemens Semiconductor Group BC856W-BC860W Datasheet HTML 6Page - Siemens Semiconductor Group BC856W-BC860W Datasheet HTML 7Page - Siemens Semiconductor Group BC856W-BC860W Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BC 856W ... BC 860W
Semiconductor Group
5
Total power dissipation Ptot = f (TA*; TS)
* Package mounted on epoxy
Permissible pulse load Ptot max/Ptot DC = f (
tp)
Collector-base capacitance CCB0 = f (VCB0)
Emitter-base capacitance CEB0 = f (VEB0)
Transition frequency fT = f (IC)
VCE = 5 V


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BC856-BC860 PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC847PN NPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC856S PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC857S PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC846W-BC850W NPN Silicon AF Transistor For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BCW61 PNP Silicon AF Transistors For AF input stages and driver applications High current gain 1  2  3  4  5  More Siemens Semiconductor Group
BCW60 NPN Silicon AF Transistors For AF input stages and driver applications High current gain 1  2  3  4  5  More Siemens Semiconductor Group
BC846-BC850 NPN Silicon AF Transistors For AF input stages and driver applications High current gain 1  2  3  4  5  More Siemens Semiconductor Group
BC846PN NPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain 1  2  3  4  5  More Siemens Semiconductor Group
BC847S NPN Silicon AF Transistor Array For AF input stages and driver applications High current gain 1  2  3  4  5  More Siemens Semiconductor Group

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn