Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BC856S Fiches technique(PDF) 5 Page - Siemens Semiconductor Group

No de pièce BC856S
Description  PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC856S Fiches technique(HTML) 5 Page - Siemens Semiconductor Group

  BC856S Datasheet HTML 1Page - Siemens Semiconductor Group BC856S Datasheet HTML 2Page - Siemens Semiconductor Group BC856S Datasheet HTML 3Page - Siemens Semiconductor Group BC856S Datasheet HTML 4Page - Siemens Semiconductor Group BC856S Datasheet HTML 5Page - Siemens Semiconductor Group BC856S Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BC 856S
Semiconductor Group
Ma -12-1998
5
Transition frequency
fT = f (IC)
VCE = 5V
10
10
10
10
EHP00378
f
mA
MHz
-1
0
1
2
5
T
3
10
10
2
1
10
5
5
5
C
Ι
Collector-base capacität
CCB = f (VCBO)
Emitter-base capacität
CEB = f (VEBO)
0
4
10
5
10
10
EHP00376
V
CB0
C
EB0
V
6
2
EB0
V
EBO
C
8
10
pF
12
CB0
C
-1
0
1
C
CBO
(
(
)
BC 856...860
)
Collector cutoff current
ICBO = f (TA)
VCB = 30V
10
0
50
100
150
EHP00381
T
A
5
10
10
nA
10
Ι
CB0
5
5
5
10
10
4
3
2
1
0
-1
max
typ
C
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 20
10
0
EHP00380
V
CEsat
10
mA
10
10
2
1
0
-1
5
5
V
0.3
0.5
100
25
-50
0.1
0.2
0.4
C
Ι
C
C
C
Semiconductor Group
5
1998-11-01


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BC847PN NPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC857S PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC846W-BC850W NPN Silicon AF Transistor For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC856-BC860 PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC856W-BC860W PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC846PN NPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain 1  2  3  4  5  More Siemens Semiconductor Group
BC847S NPN Silicon AF Transistor Array For AF input stages and driver applications High current gain 1  2  3  4  5  More Siemens Semiconductor Group
BC846S NPN Silicon AF Transistor Array For AF input stages and driver applications High current gain 1  2  3  4  5  More Siemens Semiconductor Group
BCW61 PNP Silicon AF Transistors For AF input stages and driver applications High current gain 1  2  3  4  5  More Siemens Semiconductor Group
BCW60 NPN Silicon AF Transistors For AF input stages and driver applications High current gain 1  2  3  4  5  More Siemens Semiconductor Group

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn