Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC848A Fiches technique(PDF) 6 Page - Siemens Semiconductor Group

No de pièce BC848A
Description  NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC848A Fiches technique(HTML) 6 Page - Siemens Semiconductor Group

  BC848A Datasheet HTML 1Page - Siemens Semiconductor Group BC848A Datasheet HTML 2Page - Siemens Semiconductor Group BC848A Datasheet HTML 3Page - Siemens Semiconductor Group BC848A Datasheet HTML 4Page - Siemens Semiconductor Group BC848A Datasheet HTML 5Page - Siemens Semiconductor Group BC848A Datasheet HTML 6Page - Siemens Semiconductor Group BC848A Datasheet HTML 7Page - Siemens Semiconductor Group BC848A Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BC 846 ... BC 850
Semiconductor Group
6
Collector cutoff current ICB0 = f (TA)
VCB = 30 V
DC current gain hFE = f (IC)
VCE = 5 V
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 20
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 20


Numéro de pièce similaire - BC848A

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
BC848A TRSYS-BC848A Datasheet
371Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Shenzhen Luguang Electr...
BC848A LUGUANG-BC848A Datasheet
2Mb / 4P
   NPN general purpose Transistor
logo
TAITRON Components Inco...
BC848A TAITRON-BC848A Datasheet
164Kb / 3P
   SMD General Purpose Transistor (NPN)
logo
Olitech Electronics Co....
BC848A OLITECH-BC848A Datasheet
619Kb / 3P
   Plastic-Encapsulate Transistors
logo
Zowie Technology Corpor...
BC848A ZOWIE-BC848A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
More results

Description similaire - BC848A

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCW61 SIEMENS-BCW61 Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
BC846S SIEMENS-BC846S Datasheet
40Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC847S SIEMENS-BC847S Datasheet
156Kb / 6P
   NPN Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BC846PN SIEMENS-BC846PN Datasheet
68Kb / 6P
   NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
BCX54BCX56 SIEMENS-BCX54BCX56 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BC856-BC860 SIEMENS-BC856-BC860 Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
BC856W-BC860W SIEMENS-BC856W-BC860W Datasheet
273Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com