Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BC846PN Fiches technique(PDF) 6 Page - Siemens Semiconductor Group

No de pièce BC846PN
Description  NPN/PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC846PN Fiches technique(HTML) 6 Page - Siemens Semiconductor Group

  BC846PN Datasheet HTML 1Page - Siemens Semiconductor Group BC846PN Datasheet HTML 2Page - Siemens Semiconductor Group BC846PN Datasheet HTML 3Page - Siemens Semiconductor Group BC846PN Datasheet HTML 4Page - Siemens Semiconductor Group BC846PN Datasheet HTML 5Page - Siemens Semiconductor Group BC846PN Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BC 846PN
Semiconductor Group
Sep-07-1998
6
DC current gain
hFE = f (IC)
VCE = 5V
10
10
10
10
EHP00365
h
mA
-2
-1
12
FE
3
10
102
0
10
5
5
101
0
10
5
555
100
25
-50
Ι
C
C
C
C
Base-emitter saturation voltage
IC = f (VBEsat), hFE = 20
0
10
EHP00364
BEsat
V
0.6
V
1.2
-1
100
101
2
10
5
5
Ι
C
mA
0.2
0.4
0.8
C
25
C
100 C
-50 C
h parameter
he = f (IC) normalized
VCE = 5V
10
10
10
EHP00368
mA
-1
0
1
5
e
h
2
10
-1
10
1
10
10 0
5
5
5
h
11e
h
12e
h
21e
h
22e
V
CE = 5 V
Ι
C
h parameter
he = f (VCE) normalized
IC = 2mA
0
010
20
30
EHP00369
V
CE
h
e
V
1.0
0.5
1.5
2.0
= 2 mA
h
h
h
h
e
e
e
e
21
11
12
22
C
Ι
Semiconductor Group
6
1998-11-01


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BC847PN NPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC847S NPN Silicon AF Transistor Array For AF input stages and driver applications High current gain 1  2  3  4  5  More Siemens Semiconductor Group
BC856S PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC857S PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC846S NPN Silicon AF Transistor Array For AF input stages and driver applications High current gain 1  2  3  4  5  More Siemens Semiconductor Group
BC846W-BC850W NPN Silicon AF Transistor For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC856-BC860 PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BCW60 NPN Silicon AF Transistors For AF input stages and driver applications High current gain 1  2  3  4  5  More Siemens Semiconductor Group
BCW61 PNP Silicon AF Transistors For AF input stages and driver applications High current gain 1  2  3  4  5  More Siemens Semiconductor Group
BC856W-BC860W PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn