Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BC369 Fiches technique(PDF) 1 Page - Siemens Semiconductor Group

No de pièce BC369
Description  PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC369 Fiches technique(HTML) 1 Page - Siemens Semiconductor Group

  BC369 Datasheet HTML 1Page - Siemens Semiconductor Group BC369 Datasheet HTML 2Page - Siemens Semiconductor Group BC369 Datasheet HTML 3Page - Siemens Semiconductor Group BC369 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
PNP Silicon AF Transistor
BC 369
5.91
Maximum Ratings
Type
Ordering Code
Marking
Package1)
Pin Configuration
BC 369
C62702-C748
TO-92
1
2
3
E
C
B
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
20
V
Peak collector current
ICM
2
Base current
IB
100
mA
Collector current
IC
1A
Junction temperature
Tj
150
˚C
Total power dissipation, TC = 90 ˚C2)
Ptot
0.8 (1)
W
Storage temperature range
Tstg
– 65 … + 150
Collector-base voltage
VCB0
25
Thermal Resistance
Junction - ambient2)
Rth JA
156
K/W
Emitter-base voltage
VEB0
5
Peak base current
IBM
200
Junction - case3)
Rth JC
75
1)
For detailed information see chapter Package Outlines.
2)
If transistors with max. 4 mm lead length are fixed on PCBs with a min. 10 mm
× 10 mm large copper area for
the collector terminal, RthJA = 125 K/W and thus Ptot max = 1 W at TA = 25 ˚C.
3)
Mounted on Al heat sink 15 mm
× 25 mm × 0.5 mm.
q
High current gain
q
High collector current
q
Low collector-emitter saturation voltage
q
Complementary type: BC 368 (NPN)
1
2
3


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BC847PN NPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC856S PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC857S PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC327 PNP Silicon AF Transistors High current gain High collector current Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC337 NPN Silicon AF Transistors High current gain High collector current Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC846W-BC850W NPN Silicon AF Transistor For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BSS80 PNP Silicon Switching Transistors High DC current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC856-BC860 PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BC856W-BC860W PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1  2  3  4  5  More Siemens Semiconductor Group
BSP60BSP62 PNP Silicon Darlington Transistors High collector current Low collector-emitter saturation voltage 1  2  3  4  5  Siemens Semiconductor Group

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn