Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA2015D1 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA2015D1
Description  2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA2015D1 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPA2015D1 Datasheet HTML 7Page - Texas Instruments TPA2015D1 Datasheet HTML 8Page - Texas Instruments TPA2015D1 Datasheet HTML 9Page - Texas Instruments TPA2015D1 Datasheet HTML 10Page - Texas Instruments TPA2015D1 Datasheet HTML 11Page - Texas Instruments TPA2015D1 Datasheet HTML 12Page - Texas Instruments TPA2015D1 Datasheet HTML 13Page - Texas Instruments TPA2015D1 Datasheet HTML 14Page - Texas Instruments TPA2015D1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TPA2015D1
www.ti.com
SLOS638A
– NOVEMBER 2011 – REVISED NOVEMBER 2011
GLOSSARY
The application section uses the following terms:
Limiter level
The maximum output voltage allowed before amplifier gain is automatically reduced.
SpeakerGuard
TI's trademark name for the automatic gain control technology. It protects speakers by
limiting maximum output power.
Inflection point
The battery voltage threshold for reducing the limiter level. If the battery voltage drops
below the inflection point, the limiter level automatically reduces. Although it lowers the
maximum output power, it prevents high battery currents at end-of-charge low battery
voltages.
Battery track
The name for the continuous limiter level reduction at battery voltages below the inflection
point.
AGC
Automatic gain control.
VBAT
The battery supply voltage to the TPA2015D1. The VBAT pin is the input to the boost
converter.
Fixed-gain
The nominal audio gain as set by the GAIN pin. If the audio output voltage remains below
the limiter level, the amplifier gain will return to the fixed-gain.
Attack time
The rate of AGC gain decrease. The attack time is constant at 0.026 ms/dB.
Release time
The rate of AGC gain increase. The release time is constant at 1600 ms/dB.
SPEAKERGUARD
™ THEORY OF OPERATION
SpeakerGuard
™ protects speakers, improves loudness, and limits peak supply current. If the output audio signal
exceeds the limiter level, then SpeakerGuard
™ decreases amplifier gain. The rate of gain decrease, the attack
time, is fixed at 0.026 ms/dB. SpeakerGuard
™ increases the gain once the output audio signal is below the
limiter level. The rate of gain increase, the release time, is fixed at 1600 ms/dB. Figure 21 shows this
relationship.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPA2015D1


Numéro de pièce similaire - TPA2015D1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI1-TPA2015D1 Datasheet
1Mb / 33P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2015D1 TI-TPA2015D1 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2015D1YZHR TI-TPA2015D1YZHR Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
More results

Description similaire - TPA2015D1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com